Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM81 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT90PWM81
Description  8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM81 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT90PWM81 Datasheet HTML 45Page - ATMEL Corporation AT90PWM81 Datasheet HTML 46Page - ATMEL Corporation AT90PWM81 Datasheet HTML 47Page - ATMEL Corporation AT90PWM81 Datasheet HTML 48Page - ATMEL Corporation AT90PWM81 Datasheet HTML 49Page - ATMEL Corporation AT90PWM81 Datasheet HTML 50Page - ATMEL Corporation AT90PWM81 Datasheet HTML 51Page - ATMEL Corporation AT90PWM81 Datasheet HTML 52Page - ATMEL Corporation AT90PWM81 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 325 page
background image
49
7734P–AVR–08/10
AT90PWM81
7.
System Control and Reset
7.1
System Control overview
7.1.1
Resetting the AVR
During reset, all I/O Registers are set to their initial values, and the program starts execution from the
Reset Vector. The instruction placed at the Reset Vector must be a JMP – Absolute Jump – instruction to
the reset handling routine. If the program never enables an interrupt source, the Interrupt Vectors are not
used, and regular program code can be placed at these locations. This is also the case if the Reset Vector is
in the Application section while the Interrupt Vectors are in the Boot section or vice versa. The circuit dia-
gram in Figure 7-1 shows the reset logic. Table 7-1 defines the electrical parameters of the reset circuitry.
The I/O ports of the AVR are immediately reset to their initial state when a reset source goes active. This
does not require any clock source to be running.
After all reset sources have gone inactive, a delay counter is invoked, stretching the internal reset. This
allows the power to reach a stable level before normal operation starts. The time-out period of the delay
counter is defined by the user through the SUT and CKSEL Fuses. The different selections for the delay
period are presented in “Clock Sources” on page 28.
7.1.2
Reset Sources
The AT90PWM81 has four sources of reset:
• Power-on Reset. The MCU is reset when the supply voltage is below the Power-on Reset threshold
(V
POT).
• External Reset. The MCU is reset when a low level is present on the RESET pin for longer than the
minimum pulse length. The external reset pin can be disabled in 2 ways:
– By the RSTDISBL fuse. In this case , the SPI programming is disabled
– By software using the RSTDIS bit in MCUCR register. In this case , the SPI programming is
still active at power up time.
• Watchdog Reset. The MCU is reset when the Watchdog Timer period expires and the Watchdog is
enabled.
• Brown-out Reset. The MCU is reset when the supply voltage V
CC is below the Brown-out Reset
threshold (V
BOT) and the Brown-out Detector is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com