Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM81 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90PWM81
Description  8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM81 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90PWM81 Datasheet HTML 1Page - ATMEL Corporation AT90PWM81 Datasheet HTML 2Page - ATMEL Corporation AT90PWM81 Datasheet HTML 3Page - ATMEL Corporation AT90PWM81 Datasheet HTML 4Page - ATMEL Corporation AT90PWM81 Datasheet HTML 5Page - ATMEL Corporation AT90PWM81 Datasheet HTML 6Page - ATMEL Corporation AT90PWM81 Datasheet HTML 7Page - ATMEL Corporation AT90PWM81 Datasheet HTML 8Page - ATMEL Corporation AT90PWM81 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 325 page
background image
5
7734P–AVR–08/10
AT90PWM81
Table 2-1.
: Alternate functions description
MNEMONIC
NAME, FUNCTION & ALTERNATE FUNCTION
GND
Ground: 0V reference
AGND
Analog Ground: 0V reference for analog part
VCC
Power Supply:
AVCC
Analog Power Supply: This is the power supply voltage for analog part
For a normal use this pin must be connected.
AREF
Analog Reference : reference for analog converter. This is the reference voltage of the A/D
converter. As output, can be used by external analog
CLKO
System Clock Output
RESET# OCD
Reset Input
On Chip Debug I/O
XTAL1
XTAL Input
XTAL2
XTAL Output
MISO
SPI Master In Slave Out
MOSI
SPI Master Out Slave In
SCK
SPI Clock
SS
SPI Slave Select
INTn
External interrupt n
Tn
Timer n clock input
PSCOUTxn
PSCx output n
PSCINx
PSCx Digital Input
PSCOUT0n
PSC reduced output n
PSCINr
PSC
reduced Digital Input
ACMPn
Analog Comparator n Positive Input
ACMPMn
Analog Comparator n Negative Input
ACMPM
Negative input for analog comparators
ACOMPn_OUT
Analog Comparator n Output
AMPn-
Analog Differential Amplifier n Input Channel
AMPn+
Analog Differential Amplifier n Input Channel
ADCn
Analog Converter Input Channel n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com