Electronic Components Datasheet Search
  English  ▼

X  

PT2240 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2240
Description  Programmable Encoder IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2240 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2240 Datasheet HTML 1Page - Princeton Technology Corp PT2240 Datasheet HTML 2Page - Princeton Technology Corp PT2240 Datasheet HTML 3Page - Princeton Technology Corp PT2240 Datasheet HTML 4Page - Princeton Technology Corp PT2240 Datasheet HTML 5Page - Princeton Technology Corp PT2240 Datasheet HTML 6Page - Princeton Technology Corp PT2240 Datasheet HTML 7Page - Princeton Technology Corp PT2240 Datasheet HTML 8Page - Princeton Technology Corp PT2240 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2240 V1.7
- 4 -
March, 2006
Programmable Encoder IC
PT2240
8 PINS, 3 DATA
PT2240-D3
+
-
ROSC
RF
VSS
PGM *2
D2
D1/CODE
VDD
DOUT
OSC
D0/CLK
12V
*1
Notes:
1. In order that IC protection is assured, please make sure that a diode is connected between the
battery and the VDD. If the diode is not connected and the battery polarity was inverted, then the IC
will fail.
2. In order to avoid unexpected programming, we suggest PGM pin connects with ground (VSS) to
avoid PGM pin changed to “High level” and cause into “programming mode”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com