Electronic Components Datasheet Search
  English  ▼

X  

PT2240 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2240
Description  Programmable Encoder IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2240 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2240 Datasheet HTML 1Page - Princeton Technology Corp PT2240 Datasheet HTML 2Page - Princeton Technology Corp PT2240 Datasheet HTML 3Page - Princeton Technology Corp PT2240 Datasheet HTML 4Page - Princeton Technology Corp PT2240 Datasheet HTML 5Page - Princeton Technology Corp PT2240 Datasheet HTML 6Page - Princeton Technology Corp PT2240 Datasheet HTML 7Page - Princeton Technology Corp PT2240 Datasheet HTML 8Page - Princeton Technology Corp PT2240 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2240 V1.7
- 1 -
March, 2006
Programmable Encoder IC
PT2240
DESCRIPTION
PT2240 is programmable encoder utilizing CMOS Technology specially designed for remote control
applications. It has a maximum of 222 Address which may be designed by a one-time programmable
process. It can support up to 8 Data Bits and is housed in 8 or 16-pin DIP or SOP. It encodes address
and data codes into a coded waveform suitable for RF modulation. The pin assignments and
application circuit are optimized for easy PCB Layout and cost saving advantage. Furthermore,
PT2240’s intrinsic feature of being able to support 2/3/4/6/8 data bits considerably reduces inventory
pressures.
FEATURES
• CMOS technology
• Low power consumption
• Least external components
• High noise immunity
• Single resistor oscillator
• Operating voltage: 1.8~15V
• Up to 8 data pins
• Up to 2
22 address codes
• One-time programmable process
• Available in SOP or DIP
• Reduction of inventory pressures
APPLICATIONS
• Burglar alarm system
• Car security system
• Car/Garage door controller
• Home/Office security system
• Personal alarm system


Similar Part No. - PT2240

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
Programmable Encoder IC
PT2240-16 PTC-PT2240-16 Datasheet
47Kb / 4P
Programmable Encoder IC
PT2240-16S PTC-PT2240-16S Datasheet
47Kb / 4P
Programmable Encoder IC
PT2240-D3 PTC-PT2240-D3 Datasheet
47Kb / 4P
Programmable Encoder IC
PT2240-D3S PTC-PT2240-D3S Datasheet
47Kb / 4P
Programmable Encoder IC
More results

Similar Description - PT2240

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
Programmable Encoder IC?
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
Programmable Rolling Code Encoder IC
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
Programmable Rolling Code Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
Encoder IC
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
Encoder IC
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
Programmable Encoder IC
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
Princeton Technology Co...
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
Programmable Rolling Code Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com