Electronic Components Datasheet Search
  English  ▼

X  

PT2240 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2240
Description  Programmable Encoder IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2240 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2240 Datasheet HTML 1Page - Princeton Technology Corp PT2240 Datasheet HTML 2Page - Princeton Technology Corp PT2240 Datasheet HTML 3Page - Princeton Technology Corp PT2240 Datasheet HTML 4Page - Princeton Technology Corp PT2240 Datasheet HTML 5Page - Princeton Technology Corp PT2240 Datasheet HTML 6Page - Princeton Technology Corp PT2240 Datasheet HTML 7Page - Princeton Technology Corp PT2240 Datasheet HTML 8Page - Princeton Technology Corp PT2240 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2240 V1.7
- 5 -
March, 2006
Programmable Encoder IC
PT2240
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
Address Codes
PT2240P-D3
8 Pins, DIP, 300mil
PT2240P-D3
Programmed
PT2240P-D3S
8 Pins, SOP, 150mil
PT2240P-D3S
Programmed
PT2240P
8 Pins, DIP, 300mil
PT2240P
Programmed
PT2240P-S
8 Pins, SOP, 150mil
PT2240P-S
Programmed
PT2240P-16
16 Pins, DIP, 300mil
PT2240P-16
Programmed
PT2240P-16S
16 Pins, SOP, 150mil
PT2240P-16S
Programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com