Electronic Components Datasheet Search
  English  ▼

X  

PT2240 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2240
Description  Programmable Encoder IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2240 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2240 Datasheet HTML 3Page - Princeton Technology Corp PT2240 Datasheet HTML 4Page - Princeton Technology Corp PT2240 Datasheet HTML 5Page - Princeton Technology Corp PT2240 Datasheet HTML 6Page - Princeton Technology Corp PT2240 Datasheet HTML 7Page - Princeton Technology Corp PT2240 Datasheet HTML 8Page - Princeton Technology Corp PT2240 Datasheet HTML 9Page - Princeton Technology Corp PT2240 Datasheet HTML 10Page - Princeton Technology Corp PT2240 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2240 V1.7
- 7 -
March, 2006
Programmable Encoder IC
PT2240
Symbol
Min.
Nom.
Max.
A
-
-
0.210
A1
0.015
-
-
A2
0.115
0.130
0.195
b
0.014
0.018
0.022
b1
0.014
0.018
0.020
b2
0.045
0.060
0.070
b3
0.030
0.039
0.045
c
0.008
0.010
0.014
c1
0.008
0.010
0.011
D
0.355
0.365
0.400
D1
0.005
-
-
E
0.300
0.310
0.325
E1
0.240
0.250
0.280
e
0.100 BSC.
eA
0.300 BSC.
eB
-
-
0.430
eC
0.000
-
0.060
L
0.115
0.130
0.150
Notes:
1. All dimensions are in INCHS.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimensions “A”, “A1” and “L” are measured with the package seated in JEDEC Seating Plane
Gauge GS-3.
4. “D”, “D1” and “E1” dimensions do not include mold flash or protrusions. Mold flash or protrusions
shall not exceed 0.010 inch.
5. “E” and “eA” measured with the leads constrained to be perpendicular to datum -c-.
6. “eB” and “eC” are measured at the lead tips with the loads unconstrained.
7. “N” is the number of terminal positions. (N=8)
8. Pointed or rounded lead tips are preferred to ease insertion.
9. “b2” and “b3” maximum dimensions are not include dambar protrusions. Dambar protrusions shall
not exceed 0.010 inch (0.25 mm).
10.Variation BA has a b3 dimension and is 1/2 lead package.
11.Distance between leads including dambar protrusions to be 0.005 inch minimum.
12.Datum plane -H- coincident with the bottom of lead, where lead exits body.
13.Refer to JEDEC MS-001 Variation BA.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com