Electronic Components Datasheet Search
  English  ▼

X  

PT2268Z Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2268Z
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2268Z Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2268Z Datasheet HTML 1Page - Princeton Technology Corp PT2268Z Datasheet HTML 2Page - Princeton Technology Corp PT2268Z Datasheet HTML 3Page - Princeton Technology Corp PT2268Z Datasheet HTML 4Page - Princeton Technology Corp PT2268Z Datasheet HTML 5Page - Princeton Technology Corp PT2268Z Datasheet HTML 6Page - Princeton Technology Corp PT2268Z Datasheet HTML 7Page - Princeton Technology Corp PT2268Z Datasheet HTML 8Page - Princeton Technology Corp PT2268Z Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2268 V2.5
- 4 -
April, 2006
Remote Control Encoder
PT2268
FUNCTION DESCRIPTION
KEY INPUT
Up to eight (8) keys can be directly connected to pins I1 ~ I8. Please refer to the diagram below.
VCC
PT2268
I7
I6
I5
I4
I3
I2
I1
I8
Furthermore, PT2268 has a built-in pull-low resistor of about 60K ~ 110K
Ω which reduces the need for
external components.
OSCILLATOR
An oscillation circuit can be constructed using the CMOS Inverter and Built-in Feedback Resistor,
455KHz Crystal and two 220pF capacitors. The carrier frequency is 38KHz.
455KHz
220pF
220pF
P T 2268
OS C1
OS C2
Unless any of the 8 keys (I1 ~ I8) is being operated, the oscillation is automatically stopped. Thus,
power consumption is considerably reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com