Electronic Components Datasheet Search
  English  ▼

X  

PT2268Z Datasheet(PDF) 15 Page - Princeton Technology Corp

Part # PT2268Z
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2268Z Datasheet(HTML) 15 Page - Princeton Technology Corp

Back Button PT2268Z Datasheet HTML 8Page - Princeton Technology Corp PT2268Z Datasheet HTML 9Page - Princeton Technology Corp PT2268Z Datasheet HTML 10Page - Princeton Technology Corp PT2268Z Datasheet HTML 11Page - Princeton Technology Corp PT2268Z Datasheet HTML 12Page - Princeton Technology Corp PT2268Z Datasheet HTML 13Page - Princeton Technology Corp PT2268Z Datasheet HTML 14Page - Princeton Technology Corp PT2268Z Datasheet HTML 15Page - Princeton Technology Corp PT2268Z Datasheet HTML 16Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2268 V2.5
- 15 -
April, 2006
Remote Control Encoder
PT2268
16 PINS, SOP, 300MIL
Symbol
Min.
Nom.
Max.
A
2.35
2.65
A1
0.10
0.30
B
0.33
0.51
C
0.23
0.32
D
10.10
10.50
E
7.40
7.60
e
1.27 bsc.
H
10.00
10.65
h
0.25
0.75
L
0.40
1.27
α
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com