Electronic Components Datasheet Search
  English  ▼

X  

PT2268Z Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2268Z
Description  Remote Control Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2268Z Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2268Z Datasheet HTML 1Page - Princeton Technology Corp PT2268Z Datasheet HTML 2Page - Princeton Technology Corp PT2268Z Datasheet HTML 3Page - Princeton Technology Corp PT2268Z Datasheet HTML 4Page - Princeton Technology Corp PT2268Z Datasheet HTML 5Page - Princeton Technology Corp PT2268Z Datasheet HTML 6Page - Princeton Technology Corp PT2268Z Datasheet HTML 7Page - Princeton Technology Corp PT2268Z Datasheet HTML 8Page - Princeton Technology Corp PT2268Z Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2268 V2.5
- 1 -
April, 2006
Remote Control Encoder
PT2268
DESCRIPTION
PT2268 is a remote control encoder utilizing CMOS Technology specially designed for use with the
PT2128. Using a special coding technique, PT2268 increases noise immunity to a very great extent. It
is housed in 16-Pins DIP Package and has a maximum of eight (8) input channels. Its high
performance features make PT2268 a MUST in every fan and other electrical home appliance remote
control application.
PTC provides a new version of PT2268 which can be identified by the “B” mark on the lower right hand
corner of the IC’s topcode (beside the date code). Please refer to the diagram on the Order Information
Section. The difference between the old and new version is the external application circuit in the OSC1
and OSC2 pins. (see Oscillator Section)
FEATURES
• CMOS technology
• Low power consumption
• Very high noise immunity
• Wide range of operating voltage: Vcc=2.2 ~ 5.0V
• Transmits signals to a maximum of 8 channels
• Start word custom code options available (Please contact PTC for details.)
APPLICATIONS
• Fan remote control
• Air cleaner
• Humidifier
• Heater


Similar Part No. - PT2268Z

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2268 PTC-PT2268 Datasheet
148Kb / 3P
Remote Control Encoder???
PT2268-0-P PTC-PT2268-0-P Datasheet
148Kb / 3P
Remote Control Encoder???
PT2268-0-S PTC-PT2268-0-S Datasheet
148Kb / 3P
Remote Control Encoder???
PT2268-1-P PTC-PT2268-1-P Datasheet
148Kb / 3P
Remote Control Encoder???
PT2268-1-S PTC-PT2268-1-S Datasheet
148Kb / 3P
Remote Control Encoder???
More results

Similar Description - PT2268Z

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
Remote Control Encoder
2nd Oct 97
logo
Silan Microelectronics ...
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
REMOTE CONTROL ENCODER
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2262 PTC-PT2262_08 Datasheet
462Kb / 20P
Remote Control Encoder
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
Remote Control Encoder
February 20, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com