Electronic Components Datasheet Search
  English  ▼

X  

PT6554 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT6554
Description  LCD Driver IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6554 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT6554 Datasheet HTML 1Page - Princeton Technology Corp PT6554 Datasheet HTML 2Page - Princeton Technology Corp PT6554 Datasheet HTML 3Page - Princeton Technology Corp PT6554 Datasheet HTML 4Page - Princeton Technology Corp PT6554 Datasheet HTML 5Page - Princeton Technology Corp PT6554 Datasheet HTML 6Page - Princeton Technology Corp PT6554 Datasheet HTML 7Page - Princeton Technology Corp PT6554 Datasheet HTML 8Page - Princeton Technology Corp PT6554 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PT6554
V1.4
2
June 2010
APPLICATION CIRCUITS
Notes:
1. A capacitor must be added to the power line so that both the power supply voltage (VDD) rise time when power is applied and the power supply
voltage (VDD) fall time when power drops are at least 1ms.
2. DO is an open – drain output and requires a pull-high resistor between 1KΩ to 10KΩ. The pull-up resistor value must be appropriate to the capacitor
of the external wiring so that the signal wave forms are not degraded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com