Electronic Components Datasheet Search
  English  ▼

X  

PT6554 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6554
Description  LCD Driver IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6554 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6554 Datasheet HTML 1Page - Princeton Technology Corp PT6554 Datasheet HTML 2Page - Princeton Technology Corp PT6554 Datasheet HTML 3Page - Princeton Technology Corp PT6554 Datasheet HTML 4Page - Princeton Technology Corp PT6554 Datasheet HTML 5Page - Princeton Technology Corp PT6554 Datasheet HTML 6Page - Princeton Technology Corp PT6554 Datasheet HTML 7Page - Princeton Technology Corp PT6554 Datasheet HTML 8Page - Princeton Technology Corp PT6554 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PT6554
LCD Driver IC
Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT6554 is a high performance Liquid Crystal Display
(LCD) Driver IC utilizing CMOS technology specially
designed with Key Input function. It can drive up to a
maximum of 164 segments and control up to 4 general
purpose output ports. It includes a Key Scan Circuit
that can support up to 30 key inputs and provides
On-Chip Voltage Detection Type Reset Circuit which
prevents incorrect display. Display Data can be
directly displayed without using any decoder. PT6554
also supports both 1/4 duty-1/2 bias and 1/4 duty-1/3
bias
drive
techniques.
Pin
assignments
and
application circuit are optimized for easy PCB Layout
and cost saving advantages.
APPLICATION
• Electronic equipment with LCD display
FEATURES
• CMOS technology
• Up to 164 segment drivers (4 Com x 41 Seg)
• Up to 4 general purpose output ports
• Key input function
• 1/4 duty-1/2 bias and 1/4 duty-1/3 bias drive
techniques
• Sleep mode & all segment OFF function
• On-Chip voltage detection type reset circuit
• RC oscillation circuit
• Available in 64 pins, QFP or LQFP package
BLOCK DIAGRAM


Similar Part No. - PT6554

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6554L PTC-PT6554L Datasheet
671Kb / 6P
LCD Driver IC
PT6554LQ PTC-PT6554LQ Datasheet
671Kb / 6P
LCD Driver IC
PT6554LQL PTC-PT6554LQL Datasheet
671Kb / 6P
LCD Driver IC
More results

Similar Description - PT6554

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
LCD Driver IC?
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
LCD Driver IC
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com