Electronic Components Datasheet Search
  English  ▼

X  

PT6554 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT6554
Description  LCD Driver IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6554 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT6554 Datasheet HTML 9Page - Princeton Technology Corp PT6554 Datasheet HTML 10Page - Princeton Technology Corp PT6554 Datasheet HTML 11Page - Princeton Technology Corp PT6554 Datasheet HTML 12Page - Princeton Technology Corp PT6554 Datasheet HTML 13Page - Princeton Technology Corp PT6554 Datasheet HTML 14Page - Princeton Technology Corp PT6554 Datasheet HTML 15Page - Princeton Technology Corp PT6554 Datasheet HTML 16Page - Princeton Technology Corp PT6554 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PT6554
V1.4
13
June 2010
SERIAL DATA OUTPUT
CASE 1: CLK IS TERMINATED AT “LOW” LEVEL
Notes:
1. Address: 43H
2. Key Output Data Bits: KD1 to KD30
3. Sleep Acknowledge Bit: SA
4. If the Key Data Read Operation is executed when DO is in “HIGH” state, then the Read Key Data Bits (KD1 to KD30) and the Sleep Acknowledge
Bit (SA) will not be valid.
CASE 2: CLK IS TERMINATED AT “HIGH” LEVEL
Notes
:
1. Address: 43H
2. Key Output Data Bits: KD1 to KD30
3. Sleep Acknowledge Bit: SA
4. If the Key Data Read Operation is executed when DO is in “HIGH” state, then the Read Key Data Bits (KD1 to KD30) and the Sleep Acknowledge
Bit (SA) will not be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com