Electronic Components Datasheet Search
  English  ▼

X  

116A Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 94Page - Renesas Technology Corp 116A Datasheet HTML 95Page - Renesas Technology Corp 116A Datasheet HTML 96Page - Renesas Technology Corp 116A Datasheet HTML 97Page - Renesas Technology Corp 116A Datasheet HTML 98Page - Renesas Technology Corp 116A Datasheet HTML 99Page - Renesas Technology Corp 116A Datasheet HTML 100Page - Renesas Technology Corp 116A Datasheet HTML 101Page - Renesas Technology Corp 116A Datasheet HTML 102Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 98 of 99
Jul 16, 2010
R32C/116A Group
Appendix 1. Package Dimensions
Appendix 1. Package Dimensions
NOTE)
1. DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
b
p
b
1
*1
D
H
D
Terminal cross section
Detail F
L
F
M
S
S
y
e
L
1
x
b
p
*3
Index mark
Z
D
1
176
133
132
89
88
45
44
23.9
24.0
24.1
23.9
24.0
1.4
24.1
25.8
26.0
26.2
25.8
26.0
26.2
0.05
0.1
0.18
0.15
0.15
0.20
0.25
0.09 0.145
0.125
0.5
1.0
1.25
1.25
0°
8°
0.20
0.35
0.5
0.65
0.08
0.10
1.7
JEITA Package Code
RENESAS Code
Previous Code
MASS[Typ.]
P-LQFP176-24x24-0.50
PLQP0176KB-A
176P6Q-A/FP-176E/FP-176EV
1.8g
L1
c1
θ
b1
A1
A2
A
bp
HE
E
D
HD
ZE
ZD
L
y
x
e
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com