Electronic Components Datasheet Search
  English  ▼

X  

116A Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 94Page - Renesas Technology Corp 116A Datasheet HTML 95Page - Renesas Technology Corp 116A Datasheet HTML 96Page - Renesas Technology Corp 116A Datasheet HTML 97Page - Renesas Technology Corp 116A Datasheet HTML 98Page - Renesas Technology Corp 116A Datasheet HTML 99Page - Renesas Technology Corp 116A Datasheet HTML 100Page - Renesas Technology Corp 116A Datasheet HTML 101Page - Renesas Technology Corp 116A Datasheet HTML 102Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 100 / 102 page
background image
A- 1
Revision History
R32C/116A Group Datasheet
Rev.
Date
Description
Page
Summary
0.50
Mar 05, 2010
—
Initial release
1.00
Jul 16, 2010
—
Second edition released
This manual in general
—
• Applied new Renesas templates and formats to the manual
• Changed company name to “Renesas Electronics Corporation” and
changed related descriptions due to business merger of Renesas
Technology Corporation and NEC Electronics Corporation (under
Chapters 1 and 5)
• Modified expressions “version N”, “version D”, and “version P” to “N
version”, “D version”, and “P version”, respectively (under Chapters 1
and 5)
Chapter 1. Overview
3, 5
• Specified current consumptions in Tables 1.2 and 1.4; Deleted Note 1
6
• Corrected package codes in Table 1.5
8
• Deleted Note 1 from Figure 1.2
20
• Modified expression “fC” in Table 1.15 to “low speed clock”
Chapter 4. SFRs
35, 38
• Changed register name “Group i Timer Measurement Prescaler
Register” in Tables 4.6 and 4.9 to “Group i Time Measurement
Prescaler Register”
40
• Modified expression “XY Control Register” in Table 4.11 to “X-Y
Control Register”
42
• Changed register name “UART2 Transmission/Receive Mode
Register” in Table 4.13 to “UART2 Transmit/Receive Mode Register”;
Changed hexadecimal format of reset values for registers TABSR,
ONSF, and TRGSR to binary
44
• Modified reset value “X00X X000b” for AD0CON2 register in Table
4.15
to “XX0X X000b”
55
• Changed register name “External Interrupt Source Select Register i” in
Table 4.26
to “External Interrupt Request Source Select Register i”
56
• Added addresses “044420h to 0467FFh” to Table 4.27
Chapter 5. Electrical Characteristics
—
• Initially added
Appendix 1. Package Dimensions
98, 99
• Added a seating plane to the drawing of package dimension
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com