Electronic Components Datasheet Search
  English  ▼

X  

116A Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 116A
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

116A Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 116A Datasheet HTML 8Page - Renesas Technology Corp 116A Datasheet HTML 9Page - Renesas Technology Corp 116A Datasheet HTML 10Page - Renesas Technology Corp 116A Datasheet HTML 11Page - Renesas Technology Corp 116A Datasheet HTML 12Page - Renesas Technology Corp 116A Datasheet HTML 13Page - Renesas Technology Corp 116A Datasheet HTML 14Page - Renesas Technology Corp 116A Datasheet HTML 15Page - Renesas Technology Corp 116A Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
REJ03B0297-0100
Rev.1.00
Page 12 of 99
Jul 16, 2010
R32C/116A Group
1. Overview
Table 1.8
Pin Characteristics for the 176-pin Package (3/5)
Pin
No.
Control
Pin
Port
Interrupt
Pin
Timer Pin
UART Pin
Intelligent I/O Pin
Analog
Pin
Bus Control
Pin
75
P5_0
WR0/WR
76
P12_7
D23
77
P12_6
D22
78
P12_5
D21
79
P19_3
80
P17_3
81
P17_2
82
P17_1
83
P17_0
84
P19_2
85
P4_7
TXD6/SDA6/SRXD6
CS0/A23
86
P4_6
RXD6/SCL6/STXD6
CS1/A22
87
P4_5
CLK6
CS2/A21
88
P4_4
CTS6/RTS6/SS6
CS3/A20
89
P4_3
TXD3/SDA3/SRXD3
OUTC2_0/ISTXD2/
IEOUT
A19
90
P11_6
91
P4_2
RXD3/SCL3/STXD3
ISRXD2/IEIN
A18
92
P11_5
93
P4_1
CLK3
A17
94
P4_0
CTS3/RTS3/SS3
A16
95
P16_7
TXD10
96
P16_6
RXD10
97
P16_5
CLK10
98
P16_4
CTS10/RTS10
99
P3_7
TA4IN/
U
A15(/D15)
100
P3_6
TA4OUT/U
A14(/D14)
101
P3_5
TA2IN/
W
A13(/D13)
102
P3_4
TA2OUT/W
A12(/D12)
103
P16_3
TXD9
104
P16_2
RXD9
105
P16_1
CLK9
106
P16_0
CTS9/RTS9
107
P3_3
TA1IN/
V
A11(/D11)
108
P3_2
TA1OUT/V
A10(/D10)
109
P3_1
TA3OUT
UD0B/UD1B
A9(/D9)
110
P12_4
D20
111
P12_3
CTS6/RTS6/SS6
D19
112
P12_2
RXD6/SCL6/STXD6
D18
113
P12_1
CLK6
D17
114
P12_0
TXD6/SDA6/SRXD6
D16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com