Electronic Components Datasheet Search
  English  ▼

X  

LTM4618 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4618
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4618 Datasheet HTML 4Page - Linear Technology LTM4618 Datasheet HTML 5Page - Linear Technology LTM4618 Datasheet HTML 6Page - Linear Technology LTM4618 Datasheet HTML 7Page - Linear Technology LTM4618 Datasheet HTML 8Page - Linear Technology LTM4618 Datasheet HTML 9Page - Linear Technology LTM4618 Datasheet HTML 10Page - Linear Technology LTM4618 Datasheet HTML 11Page - Linear Technology LTM4618 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM4618
8
4618f
DECOUPLING REQUIREMENTS
Figure 1. Simplified LTM4618 Block Diagram
4618 F01
M1
M2
POWER
CONTROL
INTERNAL
COMP
INTERNAL
FILTER
CSS
INTERNAL
FILTER
10μF
1.5μF
1.5μH
60.4k
CIN
+
VIN
4.5V TO 26.5V
≤6V VIN
TIE VIN, INTVCC AND
EXTVCC TOGETHER
COUT
RFB
28k
+
VOUT
2.5V/6A
VFB
PGND
SW
EXTVCC
INTVCC
INTVCC
MODE/PLLIN
TK/SS
RUN
PGOOD
COMP
FREQ
SGND
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 4.5V to 26.5V, VOUT = 2.5V)
IOUT = 6A
10
μF
COUT
External Output Capacitor Requirement
(VIN = 4.5V to 26.5V, VOUT = 2.5V)
IOUT = 6A
200
μF
TA = 25°C. Use Figure 1 configuration.
SIMPLIFIED BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com