Electronic Components Datasheet Search
  English  ▼

X  

LTM4618 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4618
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4618 Datasheet HTML 8Page - Linear Technology LTM4618 Datasheet HTML 9Page - Linear Technology LTM4618 Datasheet HTML 10Page - Linear Technology LTM4618 Datasheet HTML 11Page - Linear Technology LTM4618 Datasheet HTML 12Page - Linear Technology LTM4618 Datasheet HTML 13Page - Linear Technology LTM4618 Datasheet HTML 14Page - Linear Technology LTM4618 Datasheet HTML 15Page - Linear Technology LTM4618 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM4618
12
4618f
The LTM4618 can be synchronized from 400kHz to 780kHz
with an input clock that has a high level above 2.0V and a
low level below 0.8V. The 400kHz low end operation limit
is put in place to limit inductor ripple current. See the
Typical Applications section for synchronization examples.
The LTM4618 minimum on-time is limited to about 90ns.
Guardband the on-time to 110ns. The on-time can be
calculated as:
tON(MIN) =
1
FREQ
•
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
Soft-Start and Tracking
LTM4618 has the ability to either soft-start by itself with a
capacitor or track the output of an external supply. When
the module is configured to soft-start by itself, a capacitor
should be connected to its TK/SS pin. When the module
is in the shutdown state, the TK/SS pin is actively pulled
to ground.
Once the RUN pin voltage is above 1.22V, the module pow-
ers up. Then a soft-start current of 1.3μA starts to charge
its soft-start capacitor. Note that soft-start or tracking is
achieved not by limiting the maximum output current of
the controller but by controlling the output ramp voltage
according to the ramp rate on the TK/SS pin. Current
foldback is disabled during this phase to ensure smooth
soft-start or tracking. The soft-start or tracking range is
defined as the voltage range from 0V to 0.8V on the TK/SS
pin. The total soft-start time can be calculated as:
tSOFT-START =
0.8V •CSS
1.3µA
Output voltage tracking can be programmed externally
using the TK/SS pin. The master voltage is divided down
with an external resistor divider that is the same as the
slave’s feedback divider to implement coincident tracking.
The LTM4618 uses an accurate 60.4k resistor internally
for the top feedback resistor. Figure 4 shows an example
of coincident tracking.
VOUT(SLAVE) = 1+
R1
R2
⎛
⎝⎜
⎞
⎠⎟ •VTRACK
APPLICATIONS INFORMATION
VTRACK is the track ramp applied to the slave’s TK/SS
pin. VTRACK has a control range of 0V to 0.8V. When the
master’s output is divided down with the same resistor
values used to set the slave’s output, then the slave will
coincident track with the master until it reaches its final
value. The master will continue to its final value from the
slave’s regulation point.
Ratiometric modes of tracking can be achieved by select-
ing different divider resistor values to change the output
tracking ratio. The master output must be greater than the
slave output for the tracking to work. Master and slave
data inputs can be used to implement the correct resistor
values for coincident or ratio tracking.
Figure 4. Output Voltage Coincident Tracking
4618 F04
VIN
COMP
TK/SS
RUN
FREQ
VOUT
VFB
PGOOD
INTVCC EXTVCC
MODE/PLLIN
LTM4618
SGND
PGND
28.7k
R2
28.7k
COUT
VOUT(SLAVE)
2.5V/6A
R1
60.4k
CIN
VIN
5V
MASTER
OUTPUT
22pF
Figure 5. Coincident Tracking Characteristics
TIME
OUTPUT
VOLTAGE
4618 F05
MASTER OUTPUT
SLAVE OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com