Electronic Components Datasheet Search
  English  ▼

X  

LTM4618 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4618
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4618 Datasheet HTML 6Page - Linear Technology LTM4618 Datasheet HTML 7Page - Linear Technology LTM4618 Datasheet HTML 8Page - Linear Technology LTM4618 Datasheet HTML 9Page - Linear Technology LTM4618 Datasheet HTML 10Page - Linear Technology LTM4618 Datasheet HTML 11Page - Linear Technology LTM4618 Datasheet HTML 12Page - Linear Technology LTM4618 Datasheet HTML 13Page - Linear Technology LTM4618 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM4618
10
4618f
The typical LTM4618 application circuit is shown in
Figure 21. External component selection is primarily
determined by the maximum load current and output
voltage.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN to VOUT step-
down ratio that can be achieved for a given input voltage.
One of the restrictions is the minimum on-time tON(MIN),
which is the smallest time duration that the LTM4618 can
operate. Make sure that the operating on-time is larger than
the minimum on-time as shown in the equation below. See
the Thermal Considerations and Output Current Derating
sections in this data sheet for the current restrictions.
tON(MIN) is approximately 90ns, guardband to 110ns.
tON(MIN) <
VOUT
VIN •ƒ
Output Voltage Programming
The PWM controller has an internal 0.8V reference voltage.
As shown in the Block Diagram, a 60.4k internal feedback
resistor connects VOUT to the VFB pin. Adding a resistor RFB
from the VFB pin to SGND programs the output voltage:
VOUT = 0.8V •
60.4k +RFB
RFB
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT (V)
0.8
1
1.2
1.5
1.8
2.5
3.3
5
RFB (kΩ)
Open
243
121
69.8
48.7
28.7
19.1
11.5
APPLICATIONS INFORMATION
Input Capacitors
The LTM4618 module should be connected to a low AC-
impedance DC source. One 1.5μF input ceramic capacitor
is included inside the module. Additional input capacitors
are only needed if a large load step is required up to
the 6A level. A 47μF to 100μF surface mount aluminum
electrolytic bulk capacitor can be used for more input bulk
capacitance. This bulk input capacitor is only needed if
the input source impedance is compromised by long in-
ductive leads, traces or not enough source capacitance.
If low impedance power planes are used, then this 47μF
capacitor is not needed.
For a buck converter, the switching duty-cycle can be
estimated as:
D=
VOUT
VIN
Without considering the inductor current ripple, the RMS
current of the input capacitor can be estimated as:
ICIN(RMS) =
IOUT(MAX)
η
•D •(1–D)
In the above equation,
η is the estimated efficiency of
the power module. One 10μF ceramic input capacitor is
typically rated for 2A of RMS ripple current, so the RMS
input current at the worst case 6A maximum current is
about 3A. If a low inductance plane is used to power the
device, then two 10μF ceramic capacitors are enough for
the output at 6A load and no external input bulk capacitor
is required. The input RMS ripple current can be cancelled
by paralleling multiple LTM4618 power modules out of
phase, allowing the use of fewer input capacitors. Ap-
plication Note 77 explains the details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com