Electronic Components Datasheet Search
  English  ▼

X  

LTM4618 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4618
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4618 Datasheet HTML 15Page - Linear Technology LTM4618 Datasheet HTML 16Page - Linear Technology LTM4618 Datasheet HTML 17Page - Linear Technology LTM4618 Datasheet HTML 18Page - Linear Technology LTM4618 Datasheet HTML 19Page - Linear Technology LTM4618 Datasheet HTML 20Page - Linear Technology LTM4618 Datasheet HTML 21Page - Linear Technology LTM4618 Datasheet HTML 22Page - Linear Technology LTM4618 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTM4618
19
4618f
Figure 20. Recommended PCB Layout Example
4618 F20
VIN
PGND
CNTRL
CNTRL
ABC
DE
F
G
H
J
K
L
M
7
6
5
4
3
2
1
COUT
COUT
VOUT
PGND
APPLICATIONS INFORMATION
EMI Section
The LTM4618 has been evaluated for CISPR22 A and B
Radiated EMI and CISPR25 Conducted EMI. The CISPR25
Conducted EMI test was performed with an input π filter
as shown in Figure 17. An RC snubber circuit is optionally
used from the SW pin to the PGND pin to improve the higher
frequency attenuation and EMI limit guard band. Figure 18
shows the CISPR25 conducted emissions plot for 26.5V
input to 3.3V output at 5A load. Several conditions were
evaluated, and Figure 18 results are from the worst-case
condition. The input π filter is used to attenuate the reflected
noise from the regulator input, and is primarily utilized
when the power regulators are closed to the input power
feed to a board, like the input power connectors. If the
regulator design is placed out on the center of the system
board, then the input π filter may not be needed because
all of the extra board capacitance and the inductive planes
will provide filtering for reflected emissions. If the system
board has noise sensitive circuitry that is powered from
the same voltage rail as the regulators are, then an input
π filter is a good idea to keep regulator noise from cor-
rupting the noise sensitive circuitry on the system board.
Figure 19 shows the CISPR22 B Radiated EMI plots. The
input π filter is used to attenuate the reflected noise from
propagating out onto the input power cables, thus pos-
sibly causing radiated EMI issues. An RC snubber circuit
is optionally used from the SW pin to the PGND pin to
improve the higher frequency attenuation and EMI limit
guard band. A placeholder can accommodate the RSNUB
and CSNUB components with 1.2Ω and 470pF. These
components are probably not necessary, but can be used
or adjusted to improve the radiated limit guard bands at
the higher frequencies by attenuating any switch node
ringing due to parasitic values in the high speed switching
paths. It is important to follow the recommended layout
guidelines and use good X5R or X7R ceramic capacitors
to get good results.
Layout Checklist/Example
The high integration of LTM4618 makes the PC board layout
very simple and easy. However, to optimize its electrical
and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for high current path,
including VIN, PGND and VOUT. It helps to minimize
the PCB conduction loss and thermal stress.
• Test points can be placed on signal pin for monitor-
ing during testing.
• Place high frequency ceramic input and output
capacitors next to the VIN, PGND and VOUT pins to
minimize high frequency noise.
• Place a dedicated power ground layer underneath the
unit.
• To minimize the via conduction loss and reduce mod-
ule thermal stress, use multiple vias for interconnec-
tion between top layer and other power layers.
• Do not put vias directly on the pad, unless they are
capped.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to PGND underneath the unit.
Figure 20 gives a good example of the recommended
layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com