Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1194
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1194 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1194 Datasheet HTML 35Page - Texas Instruments ADS1194 Datasheet HTML 36Page - Texas Instruments ADS1194 Datasheet HTML 37Page - Texas Instruments ADS1194 Datasheet HTML 38Page - Texas Instruments ADS1194 Datasheet HTML 39Page - Texas Instruments ADS1194 Datasheet HTML 40Page - Texas Instruments ADS1194 Datasheet HTML 41Page - Texas Instruments ADS1194 Datasheet HTML 42Page - Texas Instruments ADS1194 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Hi-Z
START
DRDY
CS
SCLK
DIN
DOUT
RDATAOpcode
Status Register+8-ChannelData(216Bits)
RDATAOpcode
ADS1294
, ADS1296
ADS1298
www.ti.com
SBAS459E – JANUARY 2010 – REVISED AUGUST 2010
RDATA: Read Data
Issue this command after DRDY goes low to read the conversion result (in Stop Read Data Continuous mode).
There is no restriction on the SCLK rate for this command, and there is no wait time needed for the subsequent
commands or data retrieval SCLKs. To retrieve data from the device after RDATA command is issued, make
sure either the START pin is high or the START command is issued. When reading data with the RDATA
command, the read operation can overlap the occurrence of the next DRDY without data corruption. Figure 44
shows the recommended way to use the RDATA command. RDATA is best suited for ECG and EEG type
systems, where register setting must be read or changed often between conversion cycles.
Figure 44. RDATA Usage
Sending Multi-Byte Commands
The ADS1294/6/8 serial interface decodes commands in bytes and requires 4 tCLK cycles to decode and execute.
Therefore, when sending multi-byte commands, a 4 tCLK period must separate the end of one byte (or opcode)
and the next.
Assume CLK is 2.048MHz, then tSDECODE (4 tCLK) is 1.96µs. When SCLK is 16MHz, one byte can be transferred
in 500ns. This byte transfer time does not meet the tSDECODE specification; therefore, a delay must be inserted so
the end of the second byte arrives 1.46µs later. If SCLK is 4MHz, one byte is transferred in 2µs. Because this
transfer time exceeds the tSDECODE specification, the processor can send subsequent bytes without delay. In this
later scenario, the serial port can be programmed to cease single-byte transfer per cycle to multiple bytes.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS1294 ADS1296 ADS1298



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com