Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1194
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1194 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS1194 Datasheet HTML 45Page - Texas Instruments ADS1194 Datasheet HTML 46Page - Texas Instruments ADS1194 Datasheet HTML 47Page - Texas Instruments ADS1194 Datasheet HTML 48Page - Texas Instruments ADS1194 Datasheet HTML 49Page - Texas Instruments ADS1194 Datasheet HTML 50Page - Texas Instruments ADS1194 Datasheet HTML 51Page - Texas Instruments ADS1194 Datasheet HTML 52Page - Texas Instruments ADS1194 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
ADS1294
, ADS1296
ADS1298
www.ti.com
SBAS459E – JANUARY 2010 – REVISED AUGUST 2010
RESP: Respiration Control Register
Address = 16h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
RESP_PH2
RESP_PH1
RESP_PH0
RESP_CTRL1
RESP_CTRL0
This register provides the controls for the respiration circuitry; see the Respiration section for details.
Bits[7:5]
Must always be set to '0'
Bits[4:2]
RESP_PH[2:0]: Respiration phase(1)
These bits control the phase of the respiration demodulation control signal. (GPIO4 is out-of-phase with GPIO3 by the
phase determined by the RESP_PH bits)
000 = 22.5°
001 = 45°
010 = 67.5°
011 = 90°
100 = 112.5°
101 = 135° (default)
110 = 157.5°
111 = 180°
Bits[1:0]
RESP_CTRL[1:0]: Respiration control
These bits set the mode of the respiration circuitry.
00 = No respiration
01= External respiration (default)
10 = N/A
11 = N/A
(1)
RESP_PH[2:0] do not function at sample rates less than 32kSPS.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): ADS1294 ADS1296 ADS1298



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com