Electronic Components Datasheet Search
  English  ▼

X  

ADS1194 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1194
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1194 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1194 Datasheet HTML 17Page - Texas Instruments ADS1194 Datasheet HTML 18Page - Texas Instruments ADS1194 Datasheet HTML 19Page - Texas Instruments ADS1194 Datasheet HTML 20Page - Texas Instruments ADS1194 Datasheet HTML 21Page - Texas Instruments ADS1194 Datasheet HTML 22Page - Texas Instruments ADS1194 Datasheet HTML 23Page - Texas Instruments ADS1194 Datasheet HTML 24Page - Texas Instruments ADS1194 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
ADS1298
-
V
to
+1/2V
REF
REF
1/2
Common
Voltage
Single-EndedInput
ADS1298
V
peak-to-peak
REF
V
peak-to-peak
REF
Common
Voltage
DifferentialInput
CM+1/2V
REF
+1/2V
REF
-
V
REF
1/2
Single-EndedInputs
t
INP
CMVoltage
CM
V
-
REF
1/2
CM+1/2V
REF
DifferentialInputs
t
INP
INN
CMVoltage
CM
1/2V
REF
-
+V
REF
-
V
REF
Common-ModeVoltage(DifferentialMode)=
(INP)+(INN)
2
,Common-ModeVoltage(Single-EndedMode)= INN.
INN=CMVoltage
InputRange(DifferentialMode)=(AINP
AINN)=V
( V
)=2V
.
-
REF
REF
-
-
REF
ADS1294
, ADS1296
ADS1298
www.ti.com
SBAS459E – JANUARY 2010 – REVISED AUGUST 2010
Supply Measurements (MVDDP, MVDDN)
Setting CHnSET[2:0] = 011 sets the channel inputs to different supply voltages of the device. For channels 1, 2,
5, 6, 7, and 8, (MVDDP – MVDDN) is [0.5 × (AVDD + AVSS)]; for channel 3 and for channel 4, (MVDDP –
MVDDN) is DVDD/4. Note that to avoid saturating the PGA while measuring power supplies, the gain must be
set to '1'.
Lead-Off Excitation Signals (LoffP, LoffN)
The lead-off excitation signals are fed into the multiplexer before the switches. The comparators that detect the
lead-off condition are also connected to the multiplexer block before the switches. For a detailed description of
the lead-off block, refer to the Lead-Off Detection subsection in the ECG-Specific Functions section.
Auxiliary Single-Ended Input
The RLD_IN pin is primarily used for routing the right leg drive signal to any of the electrodes in case the right leg
drive electrode falls off. However, the RLD_IN pin can be used as a multiple single-ended input channel. The
signal at the RLD_IN pin can be measured with respect to the voltage at the RLD_REF pin using any of the eight
channels. This measurement is done by setting the channel multiplexer setting to '010' and the RLD_MEAS bit of
the CONFIG3 register to '1'.
ANALOG INPUT
The analog input to the ADS1298 is fully differential. Assuming PGA = 1, the input (INP – INN) can span
between –VREF to +VREF. Refer to Table 8 for an explanation of the correlation between the analog input and the
digital codes. There are two general methods of driving the analog input of the ADS1298: single-ended or
differential, as shown in Figure 22 and Figure 23. Note that INP and INN are 180°C out-of-phase in the
differential input method. When the input is single-ended, the INN input is held at the common-mode voltage,
preferably at mid-supply. The INP input swings around the same common voltage and the peak-to-peak
amplitude is the (common-mode + 1/2VREF) and the (common-mode – 1/2VREF). When the input is differential,
the common-mode is given by (INP + INN)/2. Both the INP and INN inputs swing from (common-mode + 1/2VREF
to common-mode – 1/2VREF). For optimal performance, it is recommended that the ADS1298 be used in a
differential configuration.
Figure 22. Methods of Driving the ADS1298: Single-Ended or Differential
Figure 23. Using the ADS1298 in the Single-Ended and Differential Input Modes
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1294 ADS1296 ADS1298



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com