Electronic Components Datasheet Search
  English  ▼

X  

FM3116 Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM3116
Description  Integrated Processor Companion with Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3116 Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM3116 Datasheet HTML 4Page - Ramtron International Corporation FM3116 Datasheet HTML 5Page - Ramtron International Corporation FM3116 Datasheet HTML 6Page - Ramtron International Corporation FM3116 Datasheet HTML 7Page - Ramtron International Corporation FM3116 Datasheet HTML 8Page - Ramtron International Corporation FM3116 Datasheet HTML 9Page - Ramtron International Corporation FM3116 Datasheet HTML 10Page - Ramtron International Corporation FM3116 Datasheet HTML 11Page - Ramtron International Corporation FM3116 Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
FM3104/16/64/256
Rev. 3.2
July 2010
Page 8 of 25
The calibration setting is stored in FRAM so is not
lost should the backup source fail. It is accessed with
bits CAL.4-0 in register 01h. This value only can be
written when the CAL bit is set to a 1. To exit the
calibration mode, the user must clear the CAL bit to a
0. When the CAL bit is 0, the CAL/PFO pin will
revert to the power fail output function.
Crystal Oscillator
The crystal oscillator is designed to use a 6pF crystal
without the need for external components, such as
loading capacitors. The FM31xx device has built-in
loading capacitors that match the crystal.
If a 32.768kHz crystal is not used, an external
oscillator may be connected to the FM31xx. Apply
the oscillator to the X1 pin. Its high and low voltage
levels can be driven rail-to-rail or amplitudes as low
as approximately 500mV p-p.
To ensure proper
operation, a DC bias must be applied to the X2 pin.
It should be centered between the high and low levels
on the X1 pin. This can be accomplished with a
voltage divider.
Figure 8. External Oscillator
In the example, R1 and R2 are chosen such that the
X2 voltage is centered around the X1 oscillator drive
levels. If you wish to avoid the DC current, you may
choose to drive X1 with an external clock and X2
with an inverted clock using a CMOS inverter.
Layout Requirements
The X1 and X2 crystal pins employ very high
impedance circuits and the oscillator connected to
these pins can be upset by noise or extra loading. To
reduce RTC clock errors from signal switching noise,
a guard ring must be placed around these pads and
the guard ring grounded. SDA and SCL traces should
be routed away from the X1/X2 pads. The X1 and X2
trace lengths should be less than 5 mm. The use of a
ground plane on the backside or inner board layer is
preferred. See layout example. Red is the top layer,
green is the bottom layer.
Layout for Surface Mount Crystal
Layout for Through Hole Crystal
(red = top layer, green = bottom layer)
(red = top layer, green = bottom layer)
X1 X2
Vdd
FM31xx
R1
R2
VDD
SCL
SDA
X2
X1
PFI
VBAK
VDD
SCL
SDA
X2
X1
PFI
VBAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com