Electronic Components Datasheet Search
  English  ▼

X  

FM3116 Datasheet(PDF) 23 Page - Ramtron International Corporation

Part # FM3116
Description  Integrated Processor Companion with Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3116 Datasheet(HTML) 23 Page - Ramtron International Corporation

Back Button FM3116 Datasheet HTML 17Page - Ramtron International Corporation FM3116 Datasheet HTML 18Page - Ramtron International Corporation FM3116 Datasheet HTML 19Page - Ramtron International Corporation FM3116 Datasheet HTML 20Page - Ramtron International Corporation FM3116 Datasheet HTML 21Page - Ramtron International Corporation FM3116 Datasheet HTML 22Page - Ramtron International Corporation FM3116 Datasheet HTML 23Page - Ramtron International Corporation FM3116 Datasheet HTML 24Page - Ramtron International Corporation FM3116 Datasheet HTML 25Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
FM3104/16/64/256
Rev. 3.2
July 2010
Page 23 of 25
AC Test Conditions
Equivalent AC Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write
cycles. Clock specifications are identical for read and write cycles.
Write timing parameters apply to slave address, word address, and
write data bits. Functional relationships are illustrated in the relevant
data sheet sections. These diagrams illustrate the timing parameters
only.
Read Bus Timing
t
SU:STA
Start
t
R
`
t
F
Stop Start
t
BUF
t
HIGH
1/fSCL
t
LOW
t
SP
t
SP
Acknowledge
t
HD:DAT
t
SU:DAT
t
AA
t
DH
SCL
SDA
Write Bus Timing
t
SU:STO
Start
Stop Start
Acknowledge
t
AA
t
HD:DAT
t
HD:STA
t
SU:DAT
SCL
SDA
5.5V
Output
1700
Ω
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com