Electronic Components Datasheet Search
  English  ▼

X  

FM3116 Datasheet(PDF) 12 Page - Ramtron International Corporation

Part # FM3116
Description  Integrated Processor Companion with Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3116 Datasheet(HTML) 12 Page - Ramtron International Corporation

Back Button FM3116 Datasheet HTML 8Page - Ramtron International Corporation FM3116 Datasheet HTML 9Page - Ramtron International Corporation FM3116 Datasheet HTML 10Page - Ramtron International Corporation FM3116 Datasheet HTML 11Page - Ramtron International Corporation FM3116 Datasheet HTML 12Page - Ramtron International Corporation FM3116 Datasheet HTML 13Page - Ramtron International Corporation FM3116 Datasheet HTML 14Page - Ramtron International Corporation FM3116 Datasheet HTML 15Page - Ramtron International Corporation FM3116 Datasheet HTML 16Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
FM3104/16/64/256
Rev. 3.2
July 2010
Page 12 of 25
0Ch
Event Counter Control
D7
D6
D5
D4
D3
D2
D1
D0
-
-
-
-
RC
CC
C2P
C1P
RC
Read Counter. Setting this bit to 1 takes a snapshot of the four counters bytes allowing the system to read the
values without missing count events. The RC bit will be automatically cleared.
CC
Counter Cascade. When CC=0, the event counters operate independently according to the edge programmed by
C1P and C2P respectively. When CC=1, the counters are cascaded to create one 32-bit counter. The registers of
Counter 2 represent the most significant 16-bits of the counter and CNT1 is the controlling input. Bit C2P is
“don’t care” when CC=1. Battery-backed, read/write.
C2P
CNT2 detects falling edges when C2P = 0, rising edges when C2P = 1. C2P is “don’t care” when CC=1. The value
of Event Counter 2 may inadvertently increment if C2P is changed. Battery-backed, read/write.
C1P
CNT1 detects falling edges when C1P = 0, rising edges when C1P = 1. The value of Event Counter 1 may
inadvertently increment if C1P is changed. Battery-backed, read/write.
0Bh
Companion Control
D7
D6
D5
D4
D3
D2
D1
D0
SNL
-
-
WP1
WP0
VBC
VTP1
VTP0
SNL
Serial Number Lock. Setting to a 1 makes registers 11h to 18h and SNL permanently read-only. SNL cannot be
cleared once set to 1. Nonvolatile, read/write.
WP1-0
Write Protect. These bits control the write protection of the memory array. Nonvolatile, read/write.
Write protect addresses
WP1
WP0
None
0
0
Bottom 1/4
0
1
Bottom 1/2
1
0
Full array
1
1
VBC
VBAK Charger Control. Setting VBC to 1 causes a 15 µA trickle charge current to be supplied on VBAK.
Clearing VBC to 0 disables the charge current. Nonvolatile, read/write.
VTP1-0
VTP select. These bits control the reset trip point for the low VDD reset function. Nonvolatile, read/write.
VTP
VTP1
VTP0
2.6V
0
0
2.9V
0
1
3.9V
1
0
4.4V
1
1
0Ah
Watchdog Control
D7
D6
D5
D4
D3
D2
D1
D0
WDE
-
-
WDT4
WDT3
WDT2
WDT1
WDT0
WDE
Watchdog Enable. When WDE=1, a watchdog timer fault will cause the /RST signal to go active. When WDE = 0
the timer runs but has no effect on /RST, however the WTR flag will be set when a fault occurs. Note as the timer
is free-running, users should restart the timer using WR3-0 prior to setting WDE=1. This assures a full watchdog
timeout interval occurs. Nonvolatile, read/write.
WDT4-0
Watchdog Timeout. Indicates the minimum watchdog timeout interval with 100 ms resolution. New watchdog
timeouts are loaded when the timer is restarted by writing the 1010b pattern to WR3-0. Nonvolatile, read/write.
Watchdog timeout
WDT4 WDT3 WDT2 WDT1 WDT0
Invalid – default 100 ms
0
0
0
0
0
100 ms
0
0
0
0
1
200 ms
0
0
0
1
0
300 ms
0
0
0
1
1
.
.
.
2000 ms
1
0
1
0
0
2100 ms
1
0
1
0
1
2200 ms
1
0
1
1
0
.
.
.
2900 ms
1
1
1
0
1
3000 ms
1
1
1
1
0
Disable counter
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com