Electronic Components Datasheet Search
  English  ▼

X  

OPA140 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140
Description  High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA140 Datasheet(HTML) 4 Page - Texas Instruments

  OPA140 Datasheet HTML 1Page - Texas Instruments OPA140 Datasheet HTML 2Page - Texas Instruments OPA140 Datasheet HTML 3Page - Texas Instruments OPA140 Datasheet HTML 4Page - Texas Instruments OPA140 Datasheet HTML 5Page - Texas Instruments OPA140 Datasheet HTML 6Page - Texas Instruments OPA140 Datasheet HTML 7Page - Texas Instruments OPA140 Datasheet HTML 8Page - Texas Instruments OPA140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
OPA140
OPA2140, OPA4140
SBOS498A – JULY 2010 – REVISED AUGUST 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +4.5V to +36V; ±2.25V to ±18V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OPA140, OPA2140, OPA4140
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output
VO
RL = 10kΩ, AOL ≥ 108dB
(V–)+0.2
(V+)–0.2
V
RL = 2kΩ, AOL ≥ 108dB
(V–)+0.35
(V+)–0.35
V
Short-Circuit Current
ISC
Source
+36
mA
Sink
–30
mA
Capacitive Load Drive
CLOAD
See Figure 20 and Figure 21
Open-Loop Output Impedance
RO
f = 1MHz, IO = 0 (See Figure 19)
16
Ω
POWER SUPPLY
Specified Voltage Range
VS
±2.25
±18
V
Quiescent Current
IQ
IO = 0mA
1.8
2.0
mA
(per amplifier)
Over Temperature
2.7
mA
CHANNEL SEPARATION
Channel Separation
At dc
0.02
mV/V
At 100kHz
10
mV/V
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+150
°C
THERMAL INFORMATION
OPA140,
OPA140,
OPA140
OPA2140
OPA2140
THERMAL METRIC(1)
UNITS
D (SO)
DGK (MSOP)
DBV (SOT23)
8
8
5
qJA
Junction-to-ambient thermal resistance
160
180
210
qJC(top)
Junction-to-case(top) thermal resistance
75
55
200
qJB
Junction-to-board thermal resistance
60
130
110
°C/W
yJT
Junction-to-top characterization parameter
9
n/a
40
yJB
Junction-to-board characterization parameter
50
120
105
qJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL INFORMATION
OPA4140
OPA4140
THERMAL METRIC(1)
D (SO)
PW (TSSOP)
UNITS
14
14
qJA
Junction-to-ambient thermal resistance
97
135
qJC(top)
Junction-to-case(top) thermal resistance
56
45
qJB
Junction-to-board thermal resistance
53
66
°C/W
yJT
Junction-to-top characterization parameter
19
n/a
yJB
Junction-to-board characterization parameter
46
60
qJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com