Electronic Components Datasheet Search
  English  ▼

X  

OPA140 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140
Description  High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA140 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA140 Datasheet HTML 12Page - Texas Instruments OPA140 Datasheet HTML 13Page - Texas Instruments OPA140 Datasheet HTML 14Page - Texas Instruments OPA140 Datasheet HTML 15Page - Texas Instruments OPA140 Datasheet HTML 16Page - Texas Instruments OPA140 Datasheet HTML 17Page - Texas Instruments OPA140 Datasheet HTML 18Page - Texas Instruments OPA140 Datasheet HTML 19Page - Texas Instruments OPA140 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
20
18
16
14
12
10
8
6
4
2
0
80
90
100
110
120
130
140
150
160
Ambient Temperature ( C)
?
MAXIMUM SUPPLY VOLTAGE
(Quiescent Condition)
TSSOP Quad
SOIC Quad
MSOP Dual
SOIC Dual
20
18
16
14
12
10
8
6
4
2
0
80
90
100
110
120
130
140
150
160
Ambient Temperature ( C)
?
MAXIMUM SUPPLY VOLTAGE
(Maximum DC Load on All Channels)
TSSOP Quad
SOIC Quad
MSOP Dual
SOIC Dual
OPA140
OPA2140, OPA4140
SBOS498A – JULY 2010 – REVISED AUGUST 2010
www.ti.com
particular semiconductor fabrication process and
specific circuits connected to the pin. Additionally,
internal electrostatic discharge (ESD) protection is
built
into
these
circuits
to
protect
them
from
accidental ESD events both before and during
product assembly.
It is helpful to have a good understanding of this
basic ESD circuitry and its relevance to an electrical
overstress event. See Figure 38 for an illustration of
the ESD circuits contained in the OPAx140 series
(indicated by the dashed line area). The ESD
protection circuitry involves several current-steering
diodes connected from the input and output pins and
routed back to the internal power-supply lines, where
they meet at an absorption device internal to the
operational amplifier. This protection circuitry is
intended to remain inactive during normal circuit
operation.
Figure 36. Maximum Supply Voltage vs
An
ESD
event
produces
a
short
duration,
Temperature (OPA2140 and OPA4140), Quiescent
high-voltage pulse that is transformed into a short
Condition
duration, high-current pulse as it discharges through
a semiconductor device. The ESD protection circuits
are designed to provide a current path around the
operational amplifier core to prevent it from being
damaged. The energy absorbed by the protection
circuitry is then dissipated as heat.
When an ESD voltage develops across two or more
of the amplifier device pins, current flows through one
or more of the steering diodes. Depending on the
path that the current takes, the absorption device
may activate. The absorption device has a trigger, or
threshold voltage, that is above the normal operating
voltage of the OPAx140 but below the device
breakdown voltage level. Once this threshold is
exceeded, the absorption device quickly activates
and clamps the voltage across the supply rails to a
safe level.
When the operational amplifier connects into a circuit
such as the one Figure 38 shows, the ESD protection
Figure 37. Maximum Supply Voltage vs
components are intended to remain inactive and not
Temperature (OPA2140 and OPA4140), Maximum
become involved in the application circuit operation.
DC Load
However, circumstances may arise where an applied
voltage exceeds the operating voltage range of a
given pin. Should this condition occur, there is a risk
ELECTRICAL OVERSTRESS
that some of the internal ESD protection circuits may
be biased on, and conduct current. Any such current
Designers often ask questions about the capability of
flow occurs through steering diode paths and rarely
an
operational
amplifier
to
withstand
electrical
involves the absorption device.
overstress. These questions tend to focus on the
device inputs, but may involve the supply voltage pins
or even the output pin. Each of these different pin
functions have electrical stress limits determined by
the
voltage
breakdown
characteristics
of
the
16
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com