Electronic Components Datasheet Search
  English  ▼

X  

OPA140 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140
Description  High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA140 Datasheet(HTML) 1 Page - Texas Instruments

  OPA140 Datasheet HTML 1Page - Texas Instruments OPA140 Datasheet HTML 2Page - Texas Instruments OPA140 Datasheet HTML 3Page - Texas Instruments OPA140 Datasheet HTML 4Page - Texas Instruments OPA140 Datasheet HTML 5Page - Texas Instruments OPA140 Datasheet HTML 6Page - Texas Instruments OPA140 Datasheet HTML 7Page - Texas Instruments OPA140 Datasheet HTML 8Page - Texas Instruments OPA140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Time (1s/div)
Competitor’s Device
OPAx140
V
= 18V
SUPPLY
±
OPA140
OPA2140, OPA4140
www.ti.com
SBOS498A – JULY 2010 – REVISED AUGUST 2010
High-Precision, Low-Noise, Rail-to-Rail Output,
11MHz JFET Op Amp
Check for Samples: OPA140, OPA2140, OPA4140
1
FEATURES
DESCRIPTION
2
•
Very Low Offset Drift: 1mV/°C max
The OPA140, OPA2140, and OPA4140 op amp
family is a series of low-power JFET input amplifiers
•
Very Low Offset: 120mV
that feature good drift and low input bias current. The
•
Low Input Bias Current: 10pA max
rail-to-rail output swing and input range that includes
•
Very Low 1/f Noise: 250nVPP, 0.1Hz to 10Hz
V–
allow
designers
to
take
advantage
of
the
•
Low Noise: 5.1nV/
√Hz
low-noise characteristics of JFET amplifiers while
also interfacing to modern, single-supply, precision
•
Slew Rate: 20V/ms
analog-to-digital
converters
(ADCs)
and
•
Low Supply Current: 2.0mA max
digital-to-analog converters (DACs).
•
Input Voltage Range Includes V– Supply
The OPA140 achieves 11MHz unity-gain bandwidth
•
Single-Supply Operation: 4.5V to 36V
and 20V/ms slew rate while consuming only 1.8mA
•
Dual-Supply Operation: ±2.25V to ±18V
(typ) of quiescent current. It runs on a single 4.5 to
36V supply or dual ±2.25V to ±18V supplies.
•
No Phase Reversal
All versions are fully specified from –40°C to +125°C
•
Industry-Standard SO Packages
for use in the most challenging environments. The
•
MSOP-8, TSSOP, and SOT23 Packages
OPA140
(single)
is
available
in
the
SOT23-5,
MSOP-8, and SO-8 packages; the OPA2140 (dual) is
APPLICATIONS
available in both MSOP-8 and SO-8 packages; and
•
Battery-Powered Instruments
the OPA4140 (quad) is available in the SO-14 and
•
Industrial Controls
TSSOP-14 packages.
•
Medical Instrumentation
RELATED PRODUCTS
•
Photodiode Amplifiers
FEATURES
PRODUCT
•
Active Filters
Low-Power, 10MHz FET Input
OPA141
•
Data Acquisition Systems
Industrial Op Amp
•
Automatic Test Systems
2.2nV/
√Hz, Low-Power, 36V
Operational Amplifier in SOT23
OPA209
Package
0.1Hz to 10Hz NOISE
Low-Noise, High-Precision, 22MHz,
4nV/
√Hz JFET-Input Operational
OPA827
Amplifier
Low-Noise, Low IQ Precision CMOS
OPA376
Operational Amplifier
High-Speed, FET-Input Operational
OPA132
Amplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
11-MHz JFET Op Amp
OPA140 TI-OPA140 Datasheet
3Mb / 51P
OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA140 TI-OPA140 Datasheet
2Mb / 48P
OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA140 TI2-OPA140 Datasheet
2Mb / 56P
OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
OPA140 TI2-OPA140 Datasheet
1Mb / 36P
Single-Supply, 10MHz, Rail-to-Rail Output, Low-Noise, JFET Amplifier
REVISED MAY 2010
More results

Similar Description - OPA140

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
logo
Texas Instruments
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com