Electronic Components Datasheet Search
  English  ▼

X  

OPA140 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140
Description  High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA140 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA140 Datasheet HTML 3Page - Texas Instruments OPA140 Datasheet HTML 4Page - Texas Instruments OPA140 Datasheet HTML 5Page - Texas Instruments OPA140 Datasheet HTML 6Page - Texas Instruments OPA140 Datasheet HTML 7Page - Texas Instruments OPA140 Datasheet HTML 8Page - Texas Instruments OPA140 Datasheet HTML 9Page - Texas Instruments OPA140 Datasheet HTML 10Page - Texas Instruments OPA140 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Offset Voltage ( V)
m
Offset Voltage Drift ( V/ C)
m
°
-18
-12
-6
0
6
12
V
(V)
CM
120
100
80
60
40
20
0
20
40
60
80
-
-
-
-
-
-
100
120
18 Typical Units Shown
18
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature ( C)
?
160
120
80
40
0
40
80
120
160
-
-
-
-
10
8
6
4
2
0
-18 -15 -12
-9
-6
-3
0
3
6
9
12
15
18
V
(V)
CM
-0.1V
+14.5V
Specified Common-Mode
Voltage Range
+I
B
-IB
0
10
20
30
40
50
60
70
Output Current (mA)
+85 C
°
+25 C
°
18.0
17.5
17.0
16.5
16.0
-16.0
16.5
17.0
17.5
18.0
-
-
-
-
+125 C
°
-40 C
°
OPA140
OPA2140, OPA4140
www.ti.com
SBOS498A – JULY 2010 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±18V, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 2.
Figure 3.
INPUT OFFSET VOLTAGE vs TEMPERATURE
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
(144 Amplifiers)
Figure 4.
Figure 5.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
IB vs COMMON-MODE VOLTAGE
(MAX SUPPLY)
Figure 6.
Figure 7.
Copyright © 2010, Texas Instruments Incorporated
7
Product Folder Link(s): OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com