Electronic Components Datasheet Search
  English  ▼

X  

ISL6527IBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6527IBZ
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6527IBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6527IBZ Datasheet HTML 2Page - Intersil Corporation ISL6527IBZ Datasheet HTML 3Page - Intersil Corporation ISL6527IBZ Datasheet HTML 4Page - Intersil Corporation ISL6527IBZ Datasheet HTML 5Page - Intersil Corporation ISL6527IBZ Datasheet HTML 6Page - Intersil Corporation ISL6527IBZ Datasheet HTML 7Page - Intersil Corporation ISL6527IBZ Datasheet HTML 8Page - Intersil Corporation ISL6527IBZ Datasheet HTML 9Page - Intersil Corporation ISL6527IBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN9056.10
November 18, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
Absolute Boot Voltage, VBOOT . . . . . . . . . . . . . . . . . . . . . . . +15.0V
Absolute Error Amplifier Input, VEA+ . . . . . . . . . . . . . . . . . . . . +1.5V
Upper Driver Supply Voltage, VBOOT - VPHASE . . . . . . . . . . . +7.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC +0.3V
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.3V ±10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Junction Temperature Range. . . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance
θ
JA (°C/W)
θ
JC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
67
N/A
QFN Package (Notes 2, 3). . . . . . . . . .
35
5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted VCC = 3.3V ±5% and TA = +25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
IBIAS
6.1
7.1
7.7
mA
POWER-ON RESET
Rising CPVOUT POR Threshold
POR
Commercial
4.25
4.30
4.42
V
Industrial
4.10
4.30
4.50
V
CPVOUT POR Threshold Hysteresis
0.3
0.6
0.9
V
OSCILLATOR
Frequency
fOSC
IC = ISL6527C, Commercial
275
300
325
kHz
IC = ISL6527I, Industrial
250
300
340
kHz
IC = ISL6527AC, Commercial
554
600
645
kHz
IC = ISL6527AI, Industrial
524
600
650
kHz
Ramp Amplitude
ΔVOSC
-1.5
-
VP-P
CHARGE PUMP
Nominal Charge Pump Output
VCPVOUT
VVCC = 3.3V, No Load
-
5.1
-
V
Charge Pump Output Regulation
-2-
%
ERROR AMPLIFIER
DC Gain
(Note 4)
-
88
-
dB
Gain-Bandwidth Product
GBWP
(Note 4)
-
15
-
MHz
Slew Rate
SR
(Note 4)
-
6
-
V/µs
Non-Inverting Input Voltage
VREF_IN
(Note 4)
-
-
1.5
V
SOFT-START
Soft-start Slew Rate
Commercial; VREF_IN = 1.5V
6.2
-
7.3
ms
Industrial; VREF_IN = 1.5V
6.2
-
7.6
ms
GATE DRIVERS
Upper Gate Source Current
IUGATE-SRC VBOOT - VPHASE = 5V, VUGATE = 4V
-
-1
-
A
Upper Gate Sink Current
IUGATE-SNK
-1-
A
Lower Gate Source Current
ILGATE-SRC VVCC = 3.3V, VLGATE = 4V
-
-1
-
A
Lower Gate Sink Current
ILGATE-SNK
-2-
A
ISL6527, ISL6527A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com