Electronic Components Datasheet Search
  English  ▼

X  

ISL6527IBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6527IBZ
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6527IBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6527IBZ Datasheet HTML 6Page - Intersil Corporation ISL6527IBZ Datasheet HTML 7Page - Intersil Corporation ISL6527IBZ Datasheet HTML 8Page - Intersil Corporation ISL6527IBZ Datasheet HTML 9Page - Intersil Corporation ISL6527IBZ Datasheet HTML 10Page - Intersil Corporation ISL6527IBZ Datasheet HTML 11Page - Intersil Corporation ISL6527IBZ Datasheet HTML 12Page - Intersil Corporation ISL6527IBZ Datasheet HTML 13Page - Intersil Corporation ISL6527IBZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN9056.10
November 18, 2008
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain and the output filter (LO and CO), with a double pole
break frequency at FLC and a zero at FESR. The DC Gain of
the modulator is simply the input voltage (VIN) divided by the
peak-to-peak oscillator voltage
ΔV
OSC .
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the ISL6527, ISL6527A) and the impedance
networks ZIN and ZFB. The goal of the compensation
network is to provide a closed loop transfer function with the
highest 0dB crossing frequency (f0dB) and adequate phase
margin. Phase margin is the difference between the closed
loop phase at f0dB and 180°. Equations 7 through 10 relate
the compensation network’s poles, zeros and gain to the
components (R1, R2, R3, C1, C2, and C3) in Figure 5. Use
these guidelines for locating the poles and zeros of the
compensation network:
1. Pick gain (R2/R1) for desired converter bandwidth.
2. Place first zero below filter’s double pole (~75% FLC).
3. Place second zero at filter’s double-pole.
4. Place first pole at the ESR zero.
5. Place second pole at half the switching frequency.
6. Check gain against error amplifier’s open-loop gain.
7. Estimate phase margin; repeat if necessary.
Compensation Break Frequency Equations
Figure 6 shows an asymptotic plot of the DC/DC converter’s
gain vs frequency. The actual modulator gain has a high gain
peak due to the high Q factor of the output filter and is not
shown in Figure 6. Using the above guidelines should give a
compensation gain similar to the curve plotted. The open loop
VOUT
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT
COUT
CIN
+3.3V VIN
KEY
COMP
ISL6527, ISL6527A
UGATE
R4
R2
CBP
FB
GND
CPVOUT
FIGURE 4. PRINTED CIRCUIT BOARD POWER PLANES
AND ISLANDS
R1
BOOT
C2
VIA CONNECTION TO GROUND PLANE
Q1
CBOOT
PHASE
D1
R3
C3
C1
Q2
LGATE
PHASE
VCC
CVCC
F
LC
1
2
π x L
O x CO
------------------------------------------
=
(EQ. 5)
F
ESR
1
2
π x ESR x C
O
-------------------------------------------
=
(EQ. 6)
FIGURE 5. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
REFERENCE
LO
CO
ESR
VIN
DVOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
REFERENCE
R1
R3
R2
C3
C1
C2
COMP
VOUT
FB
ZFB
ISL6527
ZIN
COMPARATOR
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
OSC
F
Z1
1
2
π R
2
×
C
2
×
----------------------------------
=
(EQ. 7)
F
P1
1
2
π x R
2 x
C
1 x C2
C
1
C
2
+
----------------------
⎝⎠
⎜⎟
⎛⎞
---------------------------------------------------------
=
(EQ. 8)
F
Z2
1
2
π x R
1
R
3
+
() x C
3
-------------------------------------------------------
=
(EQ. 9)
F
P2
1
2
π x R
3 x C3
------------------------------------
=
(EQ. 10)
ISL6527, ISL6527A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com