Electronic Components Datasheet Search
  English  ▼

X  

ISL6527IBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6527IBZ
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6527IBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6527IBZ Datasheet HTML 1Page - Intersil Corporation ISL6527IBZ Datasheet HTML 2Page - Intersil Corporation ISL6527IBZ Datasheet HTML 3Page - Intersil Corporation ISL6527IBZ Datasheet HTML 4Page - Intersil Corporation ISL6527IBZ Datasheet HTML 5Page - Intersil Corporation ISL6527IBZ Datasheet HTML 6Page - Intersil Corporation ISL6527IBZ Datasheet HTML 7Page - Intersil Corporation ISL6527IBZ Datasheet HTML 8Page - Intersil Corporation ISL6527IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN9056.10
November 18, 2008
ISL6527, ISL6527A
Ordering Information
PART NUMBER
(Note)
PART MARKING
TEMP
RANGE (°C)
PACKAGE
(Pb-Free)
PKG
DWG. #
ISL6527ACBZ*
6527ACBZ
0 to +70
14 Ld SOIC
M14.15
ISL6527ACRZ*
ISL6527 ACRZ
0 to +70
16 Ld 5x5 QFN
L16.5x5B
ISL6527AIBZ*
6527AIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL6527AIRZ*
ISL6527 AIRZ
-40 to +85
16 Ld 5x5 QFN
L16.5x5B
ISL6527CBZ*
6527CBZ
0 to +70
14 Ld SOIC
M14.15
ISL6527CRZ*
ISL6527 CRZ
0 to +70
16 Ld 5x5 QFN
L16.5x5B
ISL6527IBZ*
6527IBZ
-40 to +85
14 Ld SOIC
M14.15
ISL6527IRZ*
ISL6527 IRZ
-40 to +85
16 Ld 5x5 QFN
L16.5x5B
ISL6527EVAL1
ISL6527 SOIC Evaluation Board
ISL6527EVAL2
ISL6527 QFN Evaluation Board
ISL6527AEVAL1
ISL6527A SOIC Evaluation Board
ISL6527AEVAL2
ISL6527A QFN Evaluation Board
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Pinouts
ISL6527, ISL6527A
(14 LD SOIC)
TOP VIEW
ISL6527, ISL6527A
(16 LD QFN)
TOP VIEW
12
14
13
4
3
2
1
LGATE
CPVOUT
UGATE
PHASE
VCC
BOOT
GND
CT1
11
7
6
5
9
8
10
CT2
OCSET/SD
FB
CPGND
REF_IN
COMP
1
3
4
15
CPVOUT
CT1
CT2
OCSET/SD
16
14
13
2
12
10
9
11
6
57
8
PHASE
VCC
CPGND
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com