Electronic Components Datasheet Search
  English  ▼

X  

ISL6527IBZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6527IBZ
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6527IBZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6527IBZ Datasheet HTML 8Page - Intersil Corporation ISL6527IBZ Datasheet HTML 9Page - Intersil Corporation ISL6527IBZ Datasheet HTML 10Page - Intersil Corporation ISL6527IBZ Datasheet HTML 11Page - Intersil Corporation ISL6527IBZ Datasheet HTML 12Page - Intersil Corporation ISL6527IBZ Datasheet HTML 13Page - Intersil Corporation ISL6527IBZ Datasheet HTML 14Page - Intersil Corporation ISL6527IBZ Datasheet HTML 15Page - Intersil Corporation ISL6527IBZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FN9056.10
November 18, 2008
Just after the PWM switching cycle begins and the charge
transfer from the bootstrap capacitor to the gate capacitance
is complete, the voltage on the bootstrap capacitor is at its
lowest point during the switching cycle. The charge lost on
the bootstrap capacitor will be equal to the charge
transferred to the equivalent gate-source capacitance of the
upper MOSFET as shown in Equation 19:
where QGATE is the maximum total gate charge of the upper
MOSFET, CBOOT is the bootstrap capacitance, VBOOT1 is
the bootstrap voltage immediately before turn-on, and
VBOOT2 is the bootstrap voltage immediately after turn-on.
The bootstrap capacitor begins its refresh cycle when the gate
drive begins to turn-off the upper MOSFET. A refresh cycle
ends when the upper MOSFET is turned on again, which varies
depending on the switching frequency and duty cycle.
The minimum bootstrap capacitance can be calculated by
rearranging Equation 19 and solving for CBOOT in
Equation 20.
Typical gate charge values for MOSFETs considered in
these types of applications range from 20 to 100nC. Since
the voltage drop across QLOWER is negligible, VBOOT1 is
simply VCPVOUT - VD. A schottky diode is recommended to
minimize the voltage drop across the bootstrap capacitor
during the on-time of the upper MOSFET. Initial calculations
with VBOOT2 no less than 4V will quickly help narrow the
bootstrap capacitor range.
For example, consider an upper MOSFET is chosen with a
maximum gate charge, Qg, of 100nC. Limiting the voltage
drop across the bootstrap capacitor to 1V results in a value
of no less than 0.1µF. The tolerance of the ceramic capacitor
should also be considered when selecting the final bootstrap
capacitance value.
A fast recovery diode is recommended when selecting a
bootstrap diode to reduce the impact of reverse recovery
charge loss. Otherwise, the recovery charge, QRR, would
have to be added to the gate charge of the MOSFET and
taken into consideration when calculating the minimum
bootstrap capacitance.
ISL6527, ISL6527A DC/DC Converter
Application Circuit
Figure 8 shows an application circuit of a DC/DC Converter.
Detailed information on the circuit, including a complete
Bill-of-Materials and circuit board description, can be found
in Application Note AN1021.
http://www.intersil.com/data/an/an1021.pdf
ISL6527,
GND
LGATE
UGATE
PHASE
BOOT
VIN
NOTE:
NOTE:
VG-S ≈ VCC
CBOOT
DBOOT
QUPPER
QLOWER
+
-
FIGURE 7. UPPER GATE DRIVE BOOTSTRAP
VG-S ≈ VCC -VD
+
VD
-
CPVOUT
ISL6527A
Q
GATE
C
BOOT
V
BOOT1
V
BOOT2
–
()
×
=
(EQ. 19)
C
BOOT
Q
GATE
V
BOOT1
V
–
BOOT2
-----------------------------------------------------
≥
(EQ. 20)
ISL6527, ISL6527A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com