Electronic Components Datasheet Search
  English  ▼

X  

LM2759 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2759
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2759 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2759 Datasheet HTML 5Page - National Semiconductor (TI) LM2759 Datasheet HTML 6Page - National Semiconductor (TI) LM2759 Datasheet HTML 7Page - National Semiconductor (TI) LM2759 Datasheet HTML 8Page - National Semiconductor (TI) LM2759 Datasheet HTML 9Page - National Semiconductor (TI) LM2759 Datasheet HTML 10Page - National Semiconductor (TI) LM2759 Datasheet HTML 11Page - National Semiconductor (TI) LM2759 Datasheet HTML 12Page - National Semiconductor (TI) LM2759 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Information
CIRCUIT DESCRIPTION
The LM2759 is an adaptive CMOS charge pump with gains
of 1x, 1.5x, and 2x, optimized for driving Flash LEDs in cam-
era phones and other portable applications. It provides a
constant current of up to 1A (typ.) for Flash mode and 180 mA
(typ.) for Torch mode.
The LM2759 has selectable modes including Flash, Torch,
Indicator and Shutdown. Flash mode for the LM2759 can also
be enabled via the Strobe input pin. The LED is driven from
V
OUT and connected to the current sink. The LED drive current
and operating modes are programmed via an I2C compatible
interface. The LM2759 adaptively selects the next highest
gain mode when needed to maintain the programmed LED
current level.
To prevent a high battery load condition during a simultane-
ous RF PA transmission and Flash event, LM2759 has a
Flash interrupt pin (TX) to reduce the LED current to the pro-
grammed Torch current level for the duration of the RF PA
transmission pulse.
CHARGE PUMP AND GAIN TRANSITIONS
The input to the 1x, 1.5x, 2x charge pump is connected to the
V
IN pin, and the loosely regulated output of the charge pump
is connected to the V
OUT pin. In 1x mode, as long as the input
voltage is less than 4.7V (typ.), the output voltage is approx-
imately equal to the input voltage. When the input voltage is
over 4.7V (typ.) the output voltage is regulated to 4.7V (typ.).
In 1.5x mode, the output voltage is regulated to 4.7V (typ.)
over entire input voltage range. For the gain of 2x, the output
voltage is regulated to 5.1V (typ.). When under load, the volt-
age at V
OUT can be less than the target regulation voltage
while the charge pump is still in closed loop operation. This is
due to the load regulation topology of the LM2759.
The charge pump’s gain is selected according to the head-
room voltage across the current sink of LM2759. When the
headroom voltage V
GDX (at the LED cathode) drops below
350 mV (typ.) the charge pump gain transitions to the next
available higher gain mode. Once the charge pump transi-
tions to a higher gain, it will remain at that gain for as long as
the device remains enabled. Shutting down and then re-en-
abling the device resets the gain mode to the minimum gain
required to maintain the load.
SOFT START
The LM2759 contains internal soft-start circuitry to limit inrush
currents when the part is enabled. Soft start is implemented
internally with a controlled turn-on of the internal voltage ref-
erence.
CURRENT LIMIT PROTECTION
The LM2759 charge pump contains current limit protection
circuitry that protects the device during V
OUT fault conditions
where excessive current is drawn. Output current is limited to
1.4A typically.
LOGIC CONTROL PINS
LM2759 has two asynchronous logic pins, Strobe and TX.
These logic inputs function according to the table below:
TX STROBE
FUNCTION
0
0
Current I2C programmed state (Off, Torch,
Flash, Indicator)
1
0
Current I2C programmed state (Off, Torch,
Flash, Indicator). If Flash is enabled via I2C
and TX is logic High, the LED current will be
at the programmed Torch level.
0
1
Flash Mode (Total LED "ON" Duration limited
by Flash Timeout)
1
1
Torch Mode (Total LED "ON" Duration
limited by Flash Timeout)
I2C COMPATIBLE INTERFACE
START AND STOP CONDITIONS
START and STOP conditions classify the beginning and the
end of the I2C session. A START condition is defined as SDA
signal transitioning from HIGH to LOW while SCL line is
HIGH. A STOP condition is defined as the SDA transitioning
from LOW to HIGH while SCL is HIGH. The I2C master always
generates START and STOP conditions. The I2C bus is con-
sidered to be busy after a START condition and free after a
STOP condition. During data transmission, the I2C master
can generate repeated START conditions. First START and
repeated START conditions are equivalent, function-wise.
30069311
FIGURE 1. Start and Stop Conditions
DATA VALIDITY
The data on SDA line must be stable during the HIGH period
of the clock signal (SCL). In other words, state of the data line
can only be changed when SCL is LOW.
30069325
FIGURE 2. Data Validity Diagram
A pull-up resistor between the controller's VIO line and SDA
must be greater than [ (VIO-V
OL) / 3.5mA] to meet the VOL
requirement on SDA. Using a larger pull-up resistor results in
lower switching current with slower edges, while using a
smaller pull-up results in higher switching currents with faster
edges.
TRANSFERING DATA
Every byte put on the SDA line must be eight bits long, with
the most significant bit (MSB) transferred first. Each byte of
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com