Electronic Components Datasheet Search
  English  ▼

X  

LM2759 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2759
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2759 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2759 Datasheet HTML 6Page - National Semiconductor (TI) LM2759 Datasheet HTML 7Page - National Semiconductor (TI) LM2759 Datasheet HTML 8Page - National Semiconductor (TI) LM2759 Datasheet HTML 9Page - National Semiconductor (TI) LM2759 Datasheet HTML 10Page - National Semiconductor (TI) LM2759 Datasheet HTML 11Page - National Semiconductor (TI) LM2759 Datasheet HTML 12Page - National Semiconductor (TI) LM2759 Datasheet HTML 13Page - National Semiconductor (TI) LM2759 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Suggested Capacitors and Suppliers
MFG Part No.
Type
MFG
Voltage Rating
Case Size
Inch (mm)
4.7 µF for C
OUT
C1608X5R0J475
Ceramic X5R
TDK
6.3V
0603 (1608)
JMK107BJ475
Ceramic X5R
Taiyo-Yuden
6.3V
0603 (1608)
2.2 µF for C1, C2, C
IN
C1608X5R0J225
Ceramic X5R
TDK
6.3V
0603 (1608)
JMK107BJ225
Ceramic X5R
Taiyo-Yuden
6.3V
0603 (1608)
POWER EFFICIENCY
Efficiency of LED drivers is commonly taken to be the ratio of
power consumed by the LED (P
LED) to the power drawn at the
input of the part (P
IN). With a 1x, 1.5x, 2x charge pump, the
input current is equal to the charge pump gain times the output
current (total LED current). The efficiency of the LM2759 can
be predicted as follows:
P
LED = VLED × ILED
P
IN = VIN × IIN
P
IN = VIN × (Gain × ILED + IQ)
E = (P
LED ÷ PIN)
For a simple approximation, the current consumed by internal
circuitry (I
Q) can be neglected, and the resulting efficiency will
become:
E = V
LED ÷ (VIN × Gain)
Neglecting I
Q will result in a slightly higher efficiency predic-
tion, but this impact will be negligible due to the value of I
Q
being very low compared to the typical Torch and Flash cur-
rent levels (100mA - 1A). It is also worth noting that efficiency
as defined here is in part dependent on LED voltage. Variation
in LED voltage does not affect power consumed by the circuit
and typically does not relate to the brightness of the LED. For
an advanced analysis, it is recommended that power con-
sumed by the circuit (V
IN x IIN) be evaluated rather than power
efficiency.
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM2759
when the junction temperature exceeds 150°C (typ.). This
feature protects the device from being damaged by high die
temperatures that might otherwise result from excessive pow-
er dissipation. The device will recover and operate normally
when the junction temperature falls below 120°C (typ.). It is
important that the board layout provide good thermal conduc-
tion to keep the junction temperature within the specified
operating ratings.
POWER DISSIPATION
The power dissipation (P
DISSIPATION) and junction temperature
(T
J) can be approximated with the equations below. PIN is the
power generated by the 1x, 1.5x, 2x charge pump, P
LED is the
power consumed by the LED, T
A is the ambient temperature,
and
θ
JA is the junction-to-ambient thermal resistance for the
12 pin LLP package. V
IN is the input voltage to the LM2759,
V
LED is the nominal LED forward voltage, and ILED is the pro-
grammed LED current.
P
DISSIPATION = PIN - PLED
= (Gain × V
IN × ILED) − (VLED × ILED)
T
J = TA + (PDISSIPATION × θJA)
The junction temperature rating takes precedence over the
ambient temperature rating. The LM2759 may be operated
outside the ambient temperature rating, so long as the junc-
tion temperature of the device does not exceed the maximum
operating rating of 105°C. The maximum ambient tempera-
ture rating must be derated in applications where high power
dissipation and/or poor thermal resistance causes the junc-
tion temperature to exceed 105°C.
MAXIMUM OUTPUT CURRENT
The maximum LED current that can be used for a particular
application depends on the rated forward voltage of the LED
used, the input voltage range of the application, and the Gain
mode of the LM2759’s charge pump. The following equation
can be used to approximate the relationship between the
maximum LED current, the LED forward voltage, the mini-
mum input voltage, and the charge pump gain:
(V
IN_MIN x Gain) > (VF + VHR) + (ILED x ROUT_GAIN)
V
HR or the voltage required across the current sink to remain
in regulation can be approximated by (I
LED x KHR), where
K
HR is 0.8 mV/mA (typ). ROUT_GAIN is the output impedance of
the charge pump according to its gain mode. When using the
equation above, keep in mind that the (V
F + VHR) portion of
the equation can not be greater than the nominal output reg-
ulation voltage for a particular gain. In other words, when
making calculations for an application where the term (V
F +
V
HR) is higher than a particular gain’s regulation voltage, the
next higher gain level must be used for the calculation.
Example: V
F = 4V @ 1A, Charge Pump in the Gain of 2x with
a R
OUT of 2.25Ω (typ.)
V
IN_MIN > [(4V + 0.8V) + (1A x 2.25Ω) ] ÷ 2
V
IN_MIN > 3.53V (typ.)
The maximum power dissipation in the LM2759 must also be
taken into account when selecting the conditions for an ap-
plication, such that the junction temperature of the device
never exceeds its rated maximum. The input voltage range,
operating temperature range, and/or current level of the ap-
plication may have to be adjusted to keep the LM2759 within
normal operating ratings.
BOARD LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter de-
sign. Poor board layout can disrupt the performance of a DC-
DC converter and surrounding circuitry by contributing to EMI,
ground bounce, and resistive voltage loss in the traces. These
can send erroneous signals to the DC-DC converter IC, re-
sulting in poor regulation or instability. Poor layout can also
result in re-flow problems leading to poor solder joints be-
tween the LLP package and board pads. Poor solder joints
can result in erratic or degraded performance.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com