Electronic Components Datasheet Search
  English  ▼

X  

LM2759 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2759
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2759 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2759 Datasheet HTML 6Page - National Semiconductor (TI) LM2759 Datasheet HTML 7Page - National Semiconductor (TI) LM2759 Datasheet HTML 8Page - National Semiconductor (TI) LM2759 Datasheet HTML 9Page - National Semiconductor (TI) LM2759 Datasheet HTML 10Page - National Semiconductor (TI) LM2759 Datasheet HTML 11Page - National Semiconductor (TI) LM2759 Datasheet HTML 12Page - National Semiconductor (TI) LM2759 Datasheet HTML 13Page - National Semiconductor (TI) LM2759 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
data has to be followed by an acknowledge bit. The acknowl-
edge related clock pulse is generated by the master. The
master releases the SDA line (HIGH) during the acknowledge
clock pulse. The LM2759 pulls down the SDA line during the
9th clock pulse, signifying an acknowledge. The LM2759 gen-
erates an acknowledge after each byte is received.
After the START condition, the I2C master sends a chip ad-
dress. This address is seven bits long followed by an eighth
bit which is a data direction bit (R/W). The LM2759 address
is 53h. For the eighth bit, a “0” indicates a WRITE and a “1”
indicates a READ. The second byte selects the register to
which the data will be written. The third byte contains data to
write to the selected register.
30069312
FIGURE 3. Write Cycle
w = write (SDA = "0")
r = read (SDA = "1")
ack = acknowledge (SDA pulled down by either master or slave)
id = chip address, 53h for LM2759
I2C COMPATIBLE CHIP ADDRESS
The chip address for LM2759 is 1010011, or 53h.
30069309
INTERNAL REGISTERS
30069308
30069305
30069306
30069307
Register
Internal Hex
Address
Power On Value
(lowest 4 bits)
General Purpose
Register
10h
0000
Flash Current
Register
B0h
1010
Torch Current
Register
A0h
0111
Flash Timeout
Duration Register
C0h
1011
GENERAL PURPOSE REGISTER AND STROBE INHIBIT
FUNCTION
The general purpose register (x10) is used set the mode of
operation for the LM2759. The selectable operating modes
using the lower 4 bits in the general purpose register are listed
in the table below.
The Strobe Input Pin can be disabled via I2C to ignore external
signals into this pin when desired. This function is implement-
ed through bit 3 of the General Purpose Register (See table
below). In the default state, input signals on the Strobe Input
are enabled. (Bit3 = “0”, inputs into the Strobe Pin are not
inhibited).
General Purpose Register (Reg x10)
Bit3
Bit2
Bit1
Bit0
Mode
X
X
X
0
Shutdown
X
0
0
1
Torch
X
X
1
1
Flash
X
1
0
1
Indicator (Lowest Torch Level)
1
X
X
X
Inhibit Inputs into the Strobe Pin
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com