Electronic Components Datasheet Search
  English  ▼

X  

EP3C55 Datasheet(PDF) 22 Page - Altera Corporation

Part # EP3C55
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C55 Datasheet(HTML) 22 Page - Altera Corporation

Back Button EP3C55 Datasheet HTML 18Page - Altera Corporation EP3C55 Datasheet HTML 19Page - Altera Corporation EP3C55 Datasheet HTML 20Page - Altera Corporation EP3C55 Datasheet HTML 21Page - Altera Corporation EP3C55 Datasheet HTML 22Page - Altera Corporation EP3C55 Datasheet HTML 23Page - Altera Corporation EP3C55 Datasheet HTML 24Page - Altera Corporation EP3C55 Datasheet HTML 25Page - Altera Corporation EP3C55 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
1–22
Chapter 1: Cyclone III Device Data Sheet
Switching Characteristics
Cyclone III Device Handbook, Volume 2
© January 2010
Altera Corporation
TCCS
—
—
200
—
200
—
200
ps
Output jitter
(peak to peak)
—
—
500—
500—
550
ps
t
LOCK (2)
——
1
—
1
—
1
ms
Notes to Table 1–30:
(1) Emulated LVDS transmitter is supported at the output pin of all I/O banks.
(2) tLOCK is the time required for the PLL to lock from the end of device configuration.
Table 1–31. Cyclone III Devices LVDS Receiver Timing Specifications (Note 1)
Symbol
Modes
C6
C7, I7
C8, A7
Unit
Min
Max
Min
Max
Min
Max
f
HSC LK (input clock
frequency)
×10
10
437.5
10
370
10
320
MHz
×8
10
437.5
10
370
10
320
MHz
×7
10
437.5
10
370
10
320
MHz
×4
10
437.5
10
370
10
320
MHz
×2
10
437.5
10
370
10
320
MHz
×1
10
437.5
10
402.5
10
402.5
MHz
HSIODR
×10
100
875
100
740
100
640
Mbps
×8
80
875
80
740
80
640
Mbps
×7
70
875
70
740
70
640
Mbps
×4
40
875
40
740
40
640
Mbps
×2
20
875
20
740
20
640
Mbps
×1
10
437.5
10
402.5
10
402.5
Mbps
SW
—
—
400—
400—
400ps
Input jitter
tolerance
—
—
500—
500—
550ps
t
LOCK (2)
——
1
—
1
—
1
ms
Notes to Table 1–31:
(1) LVDS receiver is supported at all banks.
(2) tLOCK is the time required for the PLL to lock from the end of device configuration.
Table 1–30. Cyclone III Devices Emulated LVDS Transmitter Timing Specifications (Note 1) (Part 2
of 2)
Symbol
Modes
C6
C7, I7
C8, A7
Unit
MinMax
MinMax
MinMax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com