Electronic Components Datasheet Search
  English  ▼

X  

LM49150 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM49150
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM49150 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM49150 Datasheet HTML 1Page - National Semiconductor (TI) LM49150 Datasheet HTML 2Page - National Semiconductor (TI) LM49150 Datasheet HTML 3Page - National Semiconductor (TI) LM49150 Datasheet HTML 4Page - National Semiconductor (TI) LM49150 Datasheet HTML 5Page - National Semiconductor (TI) LM49150 Datasheet HTML 6Page - National Semiconductor (TI) LM49150 Datasheet HTML 7Page - National Semiconductor (TI) LM49150 Datasheet HTML 8Page - National Semiconductor (TI) LM49150 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note 1)
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3 to V
DD +0.3
Power Dissipation (Note 3)
Internally Limited
ESD Rating (Note 4)
2.0kV
ESD Rating (Note 5)
200V
Junction Temperature
150°C
Soldering Information
See AN-1112
“Micro SMD Wafer
Level Chip Scale
Package”
Thermal Resistance
 θ
JA (typ) - TLA20KGA
46.1°C/W
Operating Ratings
Temperature Range
−40°C to 85°C
Supply Voltage
2.7V
≤ V
DD ≤ 5.5V
Supply Voltage (I2C) (Note 10)
1.7V
≤ I2CV
DD ≤ 5.5V
Electrical Characteristics 3.3V (Note 2)
The following specifications apply for V
DD = LSVDD = 3.3V, AV = 0dB, Loudspeaker RL = 15μH+8Ω+15μH (Note 8), Earpiece RL
= 8Ω, f = 1kHz, unless otherwise specified. Limits apply for T
A = 25C. LS = Loudspeaker, HP = Headphone, EP = Earpiece.
Symbol
Parameter
Conditions
LM49150
Units
(Limits)
Typical
(Note 6)
Limits
(Note 7)
I
DD
Supply Current
V
IN = 0, No Load
LS mode 1
3.7
5
mA (max)
HP mode 8
4.7
6.7
mA (max)
EP Bypass mode
0.8
1.2
mA (max)
LS + HP mode 5 and mode 10
7
9.5
mA (max)
LS mode 1, GAMP_SD = 1
3
4
mA (max)
HP mode 8, GAMP_SD = 1
4.3
6.1
mA (max)
I
SD
Shutdown Current
0.04
1
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V, LS, RL = 8Ω
LS Gain = 6dB, Stereo mode 10
9
40
mV (max)
V
IN = 0V, HP, RL = 32Ω
Ground Referenced, Stereo mode 10
1
5
mV (max)
V
IN = 0V, EP Bypass only, RL = 8Ω
0.8
5
mV (max)
P
O
Output Power
LS mode 1, THD+N = 1%, f = 1kHz
LS Gain = 6dB, R
L = 4Ω
845
mW
LS mode 1, THD+N = 1%, f = 1kHz
LS Gain = 6dB, R
L = 8Ω
520
450
mW (min)
HP mode 8, THD+N = 1%, f = 1kHz
HP Attenuation = 0dB, R
L = 16Ω
42
mW
HP mode 8, THD+N = 1%, f = 1kHz
HP Attenuation = 0dB, R
L = 32Ω
43
39
mW (min)
EP Bypass only, THD+N = 1%, f = 1kHz
R
L = 8Ω
35
28
mW (min)
THD+N
Total Harmonic Distortion + Noise
LS mode 1, f = 1kHz
P
OUT = 250mW; RL = 8Ω
0.02
%
HP mode 8, f = 1kHz
P
OUT = 20mW; RL = 32Ω
0.009
%
EP Bypass only, f = 1kHz
P
OUT = 20mW; RL = 8Ω
0.15
%
η
Efficiency
LS output
88
%
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com