Electronic Components Datasheet Search
  English  ▼

X  

LM49150 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM49150
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM49150 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM49150 Datasheet HTML 11Page - National Semiconductor (TI) LM49150 Datasheet HTML 12Page - National Semiconductor (TI) LM49150 Datasheet HTML 13Page - National Semiconductor (TI) LM49150 Datasheet HTML 14Page - National Semiconductor (TI) LM49150 Datasheet HTML 15Page - National Semiconductor (TI) LM49150 Datasheet HTML 16Page - National Semiconductor (TI) LM49150 Datasheet HTML 17Page - National Semiconductor (TI) LM49150 Datasheet HTML 18Page - National Semiconductor (TI) LM49150 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Output Power vs Supply Voltage
R
L = 32Ω, f = 1kHz
Headphone Mode 8
300446q6
Output Power vs Supply Voltage
R
L = 8Ω, f = 1kHz
Earpiece Bypass Mode
300446r0
Supply Current vs Supply Voltage
Headphone Mode 1, No Load
300446q8
Supply Current vs Supply Voltage
Earpiece Bypass Mode, No Load
300446q9
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com