Electronic Components Datasheet Search
  English  ▼

X  

VSC056KM Datasheet(PDF) 80 Page - Maxim Integrated Products

Part # VSC056KM
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056KM Datasheet(HTML) 80 Page - Maxim Integrated Products

Back Button VSC056KM Datasheet HTML 76Page - Maxim Integrated Products VSC056KM Datasheet HTML 77Page - Maxim Integrated Products VSC056KM Datasheet HTML 78Page - Maxim Integrated Products VSC056KM Datasheet HTML 79Page - Maxim Integrated Products VSC056KM Datasheet HTML 80Page - Maxim Integrated Products VSC056KM Datasheet HTML 81Page - Maxim Integrated Products VSC056KM Datasheet HTML 82Page - Maxim Integrated Products VSC056KM Datasheet HTML 83Page - Maxim Integrated Products VSC056KM Datasheet HTML 84Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 134 page
background image
80 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
Table 4 shows the available output drive combinations.
Table 5 shows the available combinations that can be used to drive an LED.
Table 4. Bypass Driving Modes
BYP0
BYP1
Bypass Driving Mode
0
0
Normal GPIO operation, control is defined by the FS2-0, DD, and GPD bits
0
1
Open-drain drive, active driver to VSS only
1
0
Open-drain source, active driver to VDD only
1
1
Totem pole drive, active driver to VSS and VDD
Table 5. LED Options
PTE
FS2
FS1
FS0
DD
GPD
I/O State
0000
1
X
Input with weak internal pull-up resistor, default state
0000
00
Output driven LOW to VSS
0001
00
Output toggling at 0.25 Hz, drive to VSS only
0010
00
Output toggling at 0.33 Hz, drive to VSS only
0011
00
Output toggling at 0.50 Hz, drive to VSS only
0100
00
Output toggling at 1.00 Hz, drive to VSS only
0101
00
Output toggling at 2.00 Hz, drive to VSS only
0110
00
Output toggling at 3.08 Hz, drive to VSS only
0111
00
Output toggling at 4.00 Hz, drive to VSS only
1000
00
Pulse Train 0 selected, drive to VSS only
1001
00
Pulse Train 1 selected, drive to VSS only
1010
00
Pulse Train 2 selected, drive to VSS only
1011
00
Pulse Train 3 selected, drive to VSS only
1100
00
Pulse Train 4 selected, drive to VSS only
1101
00
Pulse Train 5 selected, drive to VSS only
1110
00
Pulse Train 6 selected, drive to VSS only
1111
00
Pulse Train 7 selected, drive to VSS only
0000
01
Output driven HIGH to VDD
0001
01
Output toggling at 0.25 Hz, drive to VDD only
0010
01
Output toggling at 0.33 Hz, drive to VDD only
0011
01
Output toggling at 0.50 Hz, drive to VDD only
0100
01
Output toggling at 1.00 H, drive to VDD only
0101
01
Output toggling at 2.00 Hz, drive to VDD only
0110
01
Output toggling at 3.08 Hz, drive to VDD only
0111
01
Output toggling at 4.00 Hz, drive to VDD only
1000
01
Pulse Train 0 selected, drive to VDD only
1001
01
Pulse Train 1 selected, drive to VDD only
1010
01
Pulse Train 2 selected, drive to VDD only
1011
01
Pulse Train 3 selected, drive to VDD only
1100
01
Pulse Train 4 selected, drive to VDD only
1101
01
Pulse Train 5 selected, drive to VDD only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com