Electronic Components Datasheet Search
  English  ▼

X  

VSC056KM Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # VSC056KM
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056KM Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button VSC056KM Datasheet HTML 23Page - Maxim Integrated Products VSC056KM Datasheet HTML 24Page - Maxim Integrated Products VSC056KM Datasheet HTML 25Page - Maxim Integrated Products VSC056KM Datasheet HTML 26Page - Maxim Integrated Products VSC056KM Datasheet HTML 27Page - Maxim Integrated Products VSC056KM Datasheet HTML 28Page - Maxim Integrated Products VSC056KM Datasheet HTML 29Page - Maxim Integrated Products VSC056KM Datasheet HTML 30Page - Maxim Integrated Products VSC056KM Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 134 page
background image
27 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
3.2.12 13h: I/O Port 3 Data Direction (DDP3)
The following table shows the bit assignments for the I/O Port 3 Data Direction register. Control of the
individual I/O pins in this register can be overridden by the PBC0, PBC1, PBC2, and PBC3 registers when
port bypass control is required.
3.2.13 14h: I/O Port 4 Data Direction (DDP4)
The following table shows the bit assignments for the I/O Port 4 Data Direction register.
Control of the individual I/O pins in this register can be overridden by the PBC4, PBC5, PBC6, and PBC7
registers when port bypass control is required.
Register Name:
DDP3
Address:
13h
Reset Value:
1111_1111b
Bit
Bit Label
Access
Description
7:0
DDP3.7-0
R/W
Data Direction
These bits determine the direction of the data flow through the I/O pin.
To enable the respective I/O pin as an input, set the appropriate bit.
To enable the respective I/O pin as an output, reset the appropriate bit.
Each I/O pin can be individually configured as a true bidirectional function. To
implement an open-drain or open-source function, set or reset the appropriate
data bit using the data direction bit as the programmed data value.
After a reset or power on, these bits are set to a binary 1, enabling the I/O as an
input with weak pull-up.
Register Name:
DDP4
Address:
14h
Reset Value:
1111_1111b
Bit
Bit Label
Access
Description
7:0
DDP4.7-0
R/W
Data Direction
These bits determine the direction of the data flow through the I/O pin.
To enable the respective I/O pin as an input, set the appropriate bit.
To enable the respective I/O pin as an output, reset the appropriate bit.
Each I/O pin can be individually configured as a true bidirectional function. To
implement an open-drain or open-source function, set or reset the appropriate
data bit using the data direction bit as the programmed data value.
After a reset or power on, these bits are set to a binary 1, enabling the I/O as an
input with weak pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com