Electronic Components Datasheet Search
  English  ▼

X  

VSC056KM Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # VSC056KM
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056KM Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button VSC056KM Datasheet HTML 21Page - Maxim Integrated Products VSC056KM Datasheet HTML 22Page - Maxim Integrated Products VSC056KM Datasheet HTML 23Page - Maxim Integrated Products VSC056KM Datasheet HTML 24Page - Maxim Integrated Products VSC056KM Datasheet HTML 25Page - Maxim Integrated Products VSC056KM Datasheet HTML 26Page - Maxim Integrated Products VSC056KM Datasheet HTML 27Page - Maxim Integrated Products VSC056KM Datasheet HTML 28Page - Maxim Integrated Products VSC056KM Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 134 page
background image
25 of 134
VSC056
Data Sheet
Revision 4.1
January 2008
3.2.8
07h: General-Purpose I/O Port 7 Data (GPD7)
The following table shows the bit assignments for the General-Purpose I/O Port 7 Data register.
3.2.9
10h: I/O Port 0 Data Direction (DDP0)
The following table shows the bit assignments for the I/O Port 0 Data Direction register.
Register Name:
GPD7
Address:
07h
Reset Value:
XXXX_XXXXb
Bit
Bit Label
Access
Description
7:0
GPD7.7-0
R/W
General-Purpose Data
When the I/O pin is enabled as an output, writing these bits determines the data
value that will be present on the corresponding I/O pin.
If the I/O pin is enabled as an input, reading these register bits represents the
current voltage applied to the pin. At no time do the bits directly represent the
value latched into the data register.
If a pin is enabled as an input and there is no signal applied, weak internal pull-
up resistors hold the pin at a binary 1.
After a reset or power on, the register bits are set to a binary 1, however, the
value returned from a register read is the level applied to the pin since each pin
is an input by default.
Register Name:
DDP0
Address:
10h
Reset Value:
1111_1111b
Bit
Bit Label
Access
Description
7:0
DDP0.7-0
R/W
Data Direction
These bits determine the direction of the data flow through the I/O pin.
To enable the respective I/O pin as an input, set the appropriate bit.
To enable the respective I/O pin as an output, reset the appropriate bit.
Each I/O pin can be individually configured as a true bidirectional function. To
implement an open-drain or open-source function, set or reset the appropriate
data bit using the data direction bit as the programmed data value.
After a reset or power on, these bits are set to a binary 1, enabling the I/O as an
input with weak pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com