Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3141 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3141 Datasheet HTML 1Page - Maxim Integrated Products DS3141 Datasheet HTML 2Page - Maxim Integrated Products DS3141 Datasheet HTML 3Page - Maxim Integrated Products DS3141 Datasheet HTML 4Page - Maxim Integrated Products DS3141 Datasheet HTML 5Page - Maxim Integrated Products DS3141 Datasheet HTML 6Page - Maxim Integrated Products DS3141 Datasheet HTML 7Page - Maxim Integrated Products DS3141 Datasheet HTML 8Page - Maxim Integrated Products DS3141 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
1 of 88
REV: 012003
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS3141, DS3142, DS3143, and DS3144
(DS314x) devices include all necessary circuitry to
frame and format up to four separate DS3 or E3
channels.
Each
framer
in
these
devices
is
independently configurable to support M23 DS3,
C-Bit Parity DS3, or G.751 E3. The framers interface
to
a
variety
of
line
interface
units
(LIUs),
microprocessor
buses,
and
other
system
components without glue logic. Each DS3/E3 framer
has its own HDLC controller, FEAC controller, and
BERT, as well as full support for error detection and
generation, performance monitoring, and loopbacks.
APPLICATIONS
SONET/SDH Muxes
PDH Muxes
Digital Cross-Connect Systems
Access Concentrators
ATM and Frame Relay Equipment
Routers
FUNCTIONAL DIAGRAM
FEATURES
§ One/Two/Three/Four Independent DS3/E3
Framers on a Single Die
§ Framing and Formatting to M23 DS3, C-Bit Parity
DS3, and G.751 E3
§ LIU Interface can be Binary (NRZ) or Dual-Rail
(POS/NEG)
§ B3ZS/HDB3 Encoder and Decoder
§ Generate and Detect DS3/E3 Alarms
§ Integrated HDLC Controller for Each Channel
§ Integrated FEAC Controller for Each Channel
§ Integrated Bit Error-Rate Tester (BERT) for Each
Channel
§ Large Performance-Monitoring Counters
§ Line, Diagnostic, and Payload Loopbacks
§ Externally Controlled Transmit Overhead
Insertion Port
§ Support External Timing or Loop-Timing
§ Framers can be Powered Down When Not Used
§ 8-Bit Processor Port Supports Muxed or
Nonmuxed Bus Operation (Intel or Motorola)
§ 3.3V Supply with 5V Tolerant I/O
§ 144-Pin, 13mm x 13mm CSBGA Package
§ IEEE 1149.1 JTAG Support
ORDERING INFORMATION
PART
NO. OF
FRAMERS
TEMP RANGE
PIN-PACKAGE
DS3141
1
0°C to +70
°C
144 CSBGA
DS3141N
1
-40°C to +85
°C
144 CSBGA
DS3142
2
0°C to +70
°C
144 CSBGA
DS3142
2
-40°C to +85
°C
144 CSBGA
DS3143
3
0°C to +70
°C
144 CSBGA
DS3143N
3
-40°C to +85
°C
144 CSBGA
DS3144
4
0°C to +70
°C
144 CSBGA
DS3144N
4
-40°C to +85
°C
144 CSBGA
www.maxim-ic.com
DS3141/DS3142/DS3143/DS3144
Single/Dual/Triple/Quad
DS3/E3 Framers
POS/NRZ
NEG/LCV
CLK
CLK
DATA
SYNC
RECEIVE
FRAMER
TRANSMIT
FORMATTER
CLK
DATA
SYNC
POS/NRZ
NEG
CLK
LIU
INTERFACE
SYSTEM
INTERFACE
OVERHEAD
EACH FRAMER
Dallas
Semiconductor
DS314x
Pin Configurations appear at end of data sheet.
DESIGN KIT AVAILABLE


Similar Part No. - DS3141

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3141 DALLAS-DS3141 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
logo
Maxim Integrated Produc...
DS31412 MAXIM-DS31412 Datasheet
937Kb / 89P
6-/8-/12-Channel DS3/E3 Framers
REV: 071103
DS31412N MAXIM-DS31412N Datasheet
937Kb / 89P
6-/8-/12-Channel DS3/E3 Framers
REV: 071103
DS31415 MAXIM-DS31415 Datasheet
137Kb / 5P
3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock
Rev 1; 3/11
DS31415 MAXIM-DS31415 Datasheet
86Kb / 5P
3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter and 1588 Clock
Rev 2; 7/11
More results

Similar Description - DS3141

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3142 DALLAS-DS3142 Datasheet
1Mb / 88P
Single/Dual/Triple/Quad DS3/E3 Framers
DS3152 DALLAS-DS3152 Datasheet
788Kb / 60P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
Maxim Integrated Produc...
DS3146 MAXIM-DS3146 Datasheet
937Kb / 89P
6-/8-/12-Channel DS3/E3 Framers
REV: 071103
logo
Dallas Semiconductor
DS3254 DALLAS-DS3254 Datasheet
925Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
DS3171 DALLAS-DS3171 Datasheet
2Mb / 232P
Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
logo
List of Unclassifed Man...
CX28342 ETC1-CX28342 Datasheet
1Mb / 195P
Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
logo
Maxim Integrated Produc...
DS3161 MAXIM-DS3161 Datasheet
3Mb / 384P
Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
REV: 113006
DS3151 MAXIM-DS3151_07 Datasheet
694Kb / 61P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030607
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A Datasheet
710Kb / 65P
Single/Dual/Triple E3/DS3/STS-1
logo
Maxim Integrated Produc...
DS3251 MAXIM-DS3251 Datasheet
909Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com