Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3141 Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button DS3141 Datasheet HTML 42Page - Maxim Integrated Products DS3141 Datasheet HTML 43Page - Maxim Integrated Products DS3141 Datasheet HTML 44Page - Maxim Integrated Products DS3141 Datasheet HTML 45Page - Maxim Integrated Products DS3141 Datasheet HTML 46Page - Maxim Integrated Products DS3141 Datasheet HTML 47Page - Maxim Integrated Products DS3141 Datasheet HTML 48Page - Maxim Integrated Products DS3141 Datasheet HTML 49Page - Maxim Integrated Products DS3141 Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
46 of 88
Register Name:
BCR1
Register Description:
BERT Control Register 1
Register Address:
30h
Bit #
7
6
5
4
3
2
1
0
Name
BM1
BM0
BENA
TINV
RINV
RESYNC
TC
LC
Default
0
0
0
0
0
0
0
0
Bit 0: Load Bit and Error Counts (LC). A low-to-high transition latches the current bit and error counts into the
host-processor-accessible registers BBCR and BBECR and then clears the internal counters. This bit should be
toggled from low to high whenever the host processor wishes to begin a new acquisition period. Must be cleared
and set again for subsequent loads.
Bit 1: Transmit Pattern Load (TC). A low-to-high transition loads the pattern generator. This bit should be toggled
from low to high whenever the host processor loads a new pattern or needs to resynchronize to an existing pattern.
Must be cleared and set again for subsequent loads. For pseudorandom patterns, PS[2:0] must be configured
before toggling TC. For repetitive patterns, PS[2:0], RPL[3:0], and RP[31:0] must be configured before toggling TC.
For alternating word patterns, PS[2:0], AWC[7:0], and RP[31:0] must be configured before toggling TC.
Bit 2: Force Resynchronization (RESYNC). A low-to-high transition forces the receive BERT synchronizer to
resynchronize to the incoming data stream. This bit should be toggled from low to high whenever the host
processor wishes to acquire synchronization on a new pattern. Must be cleared and set again for a subsequent
resynchronization.
Bit 3: Receive Invert Data Enable (RINV)
0 = do not invert the incoming data stream
1 = invert the incoming data stream
Bit 4: Transmit Invert Data Enable (TINV)
0 = do not invert the outgoing data stream
1 = invert the outgoing data stream
Bit 5: BERT Enable (BENA). This bit is used to enable the BERT transmitter, replacing the payload, or the entire
DS3/E3 signal (depending on the setting of BM[1:0]). The BERT receiver is always enabled. Configure all BERT
control and pattern registers and toggle the TC control bit before setting BENA.
0 = disable BERT transmitter
1 = enable BERT transmitter
Bits 6, 7: BERT Mode (BM[1:0]). These bits select whether the BERT pattern replaces only the DS3/E3 payload
or the entire DS3/E3 frame (payload and overhead). These bits also select the BERT transmit direction: line side
(TPOS/TNEG and RPOS/RNEG) or equipment side (TDAT and RDAT).
BM[1:0]
DATA
TRANSMIT
RECEIVE
00
Payload
TPOS/TNEG
RPOS/RNEG
01
Entire frame
TPOS/TNEG
RPOS/RNEG
10
Payload
RDAT
TDAT
11
Entire frame
RDAT
TDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com