Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3141 Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button DS3141 Datasheet HTML 24Page - Maxim Integrated Products DS3141 Datasheet HTML 25Page - Maxim Integrated Products DS3141 Datasheet HTML 26Page - Maxim Integrated Products DS3141 Datasheet HTML 27Page - Maxim Integrated Products DS3141 Datasheet HTML 28Page - Maxim Integrated Products DS3141 Datasheet HTML 29Page - Maxim Integrated Products DS3141 Datasheet HTML 30Page - Maxim Integrated Products DS3141 Datasheet HTML 31Page - Maxim Integrated Products DS3141 Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
28 of 88
7.6.1 Master Status Register (MSR)
The master status register (MSR) is a special status register that helps the host processor quickly locate changes
in device status. Each major block in the framer has a status bit in the MSR. When an alarm or event occurs in one
of these blocks, the device can be configured to set the appropriate bit in the MSR. The latched status bits in the
MSRL can also cause a hardware interrupt to occur. In both interrupt-based and polling-based device servicing
strategies, the host processor should read the ISR1 register to determine which framers need service and then
read the MSRL register of each framer that needs service to determine which blocks within the framer need
service.
Register Name:
MSR
Register Description:
Master Status Register
Register Address:
08h
Bit #
7
6
5
4
3
2
1
0
Name
LORC
LOTC
T3E3
FEAC
HDLC
BERT
COVF
N/A
Default
—
—
—
—
—
—
—
—
Bit 1: Counter Overflow Event (COVF). This real-time status bit is set to 1 if any of the error counters saturate
(the error counters saturate when full). This bit is cleared when the error counters are cleared. The error counters
are discussed in Section 7.8.
Bit 2: Change in BERT Status (BERT). This real-time status bit is set when any of the bits in the BSRL register
are set and the corresponding bits in the BSRIE interrupt-enable register are set. This bit is cleared when the
latched status bits in the BSRL register are cleared or the interrupt-enable bits in the BSRIE register are cleared.
The setting of this status bit can cause a hardware interrupt to occur if the BERTIE bit in the MSRIE register is set
to 1. The interrupt is cleared when this bit is cleared or the interrupt-enable bit in the MSRIE register is cleared.
Bit 3: Change in HDLC Status (HDLC). This real-time status bit is set when any of the bits in the HSRL register
are set and the corresponding bits in the HSRIE interrupt-enable register are set. This bit is cleared when the
latched status bits in the HSRL register are cleared or the interrupt-enable bits in the HSRIE register are cleared.
The setting of this status bit can cause a hardware interrupt to occur if the HDLCIE bit in the MSRIE register is set
to 1. The interrupt is cleared when this bit is cleared or the interrupt-enable bit in the MSRIE register is cleared.
Bit 4: Change in FEAC Status (FEAC). This real-time status bit is set when any of the bits in the FSRL register
are set and the corresponding bits in the FSRIE interrupt-enable register are set. This bit is cleared when the
latched status bits in the FSRL register are cleared or the interrupt-enable bits in the FSRIE register are cleared.
The setting of this status bit can cause a hardware interrupt to occur if the FEACIE bit in the MSRIE register is set
to 1. The interrupt is cleared when this bit is cleared or the interrupt-enable bit in the MSRIE register is cleared.
Bit 5: Change in DS3/E3 Framer Status (T3E3). This real-time status bit is set when any of the bits in the
T3E3SRL register are set and the corresponding bits in the T3E3SRIE interrupt-enable register are set. This bit is
cleared when the latched status bits in the T3E3SRL register are cleared or the interrupt-enable bits in the
T3E3SRIE register are cleared. The setting of this status bit can cause a hardware interrupt to occur if the T3E3IE
bit in the MSRIE register is set to 1. The interrupt is cleared when this bit is cleared or the interrupt-enable bit in the
MSRIE register is cleared.
Bit 6: Loss-of-Transmit Clock Detected (LOTC). This real-time status bit is set when the device detects that the
TICLK input pin has not toggled for between 9 and 21 clock periods. This bit is cleared when a clock is detected at
the TICLK input. The system clock (SCLK) is used to check for the presence of the TICLK. On reset the LOTC
status bit is set for a few clock cycles and then cleared if TICLK is present.
Bit 7: Loss-of-Receive Clock Detected (LORC). This real-time status bit is set when the device detects that the
RCLK input pin has not toggled for between 9 and 21 clock periods. This bit is cleared when a clock is detected at
the RCLK input. The system clock (SCLK) checks for the presence of the RCLK. On reset the LORC status bit is
set for a few clock cycles and then cleared if RCLK is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com