Electronic Components Datasheet Search
  English  ▼

X  

DS3141 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # DS3141
Description  Single/Dual/Triple/Quad DS3/E3 Framers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3141 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button DS3141 Datasheet HTML 25Page - Maxim Integrated Products DS3141 Datasheet HTML 26Page - Maxim Integrated Products DS3141 Datasheet HTML 27Page - Maxim Integrated Products DS3141 Datasheet HTML 28Page - Maxim Integrated Products DS3141 Datasheet HTML 29Page - Maxim Integrated Products DS3141 Datasheet HTML 30Page - Maxim Integrated Products DS3141 Datasheet HTML 31Page - Maxim Integrated Products DS3141 Datasheet HTML 32Page - Maxim Integrated Products DS3141 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
DS3141/DS3142/DS3143/DS3144 Single/Dual/Triple/Quad DS3/E3 Framers
29 of 88
Register Name:
MSRL
Register Description:
Master Status Register Latched
Register Address:
09h
Bit #
7
6
5
4
3
2
1
0
Name
LORCL
LOTCL
N/A
N/A
N/A
N/A
COVFL
OSTL
Default
—
—
—
—
—
—
—
—
Note: See Figure 7-4 for details on the interrupt logic for the status bits in the MSRL register.
Bit 0: One-Second Timer Latched (OSTL). This latched status bit is set to 1 on each 1-second boundary, as
timed by the device. The device chooses an arbitrary 1-second boundary that is timed from either the RCLK signal
or the TICLK signal depending on the setting of the OSTCS bit in MC2. OSTL is cleared when the host processor
writes a 1 to it and is not set again until another 1-second boundary has occurred. When OSTL is set, it can cause
a hardware interrupt to occur if the OSTIE bit in the MSRIE register is set to 1. The interrupt is cleared when this bit
is cleared or the interrupt-enable bit is cleared. This bit can be used to determine when to read the error counters, if
the counters are automatically updated by the 1-second timer.
Bit 1: Counter Overflow Event Latched (COVFL). This latched status bit is set to 1 when the COVF status bit in
the MSR register goes high. COVFL is cleared when the host processor writes a 1 to it and is not set again until
COVF goes high again. When COVFL is set, it can cause a hardware interrupt to occur if the COVFIE bit in the
MSRIE register is set to 1. The interrupt is cleared when this bit is cleared or the interrupt-enable bit is cleared. This
bit can be used to determine when a counter overflow event occurs.
Bit 6: Loss-of-Transmit Clock Latched (LOTCL). This latched status bit is set to 1 when the LOTC status bit in
the MSR register goes high. LOTCL is cleared when the host processor writes a 1 to it and is not set again until
LOTC goes high again. When LOTCL is set, it can cause a hardware interrupt to occur if the LOTCIE bit in the
MSRIE register is set to 1. The interrupt is cleared when this bit is cleared or the interrupt-enable bit is cleared. This
bit can be used to determine when a loss of transmit clock event occurs.
Bit 7: Loss-of-Receive Clock Latched (LORCL). This latched status bit is set to 1 when the LORC status bit in
the MSR register goes high. LORCL is cleared when the host processor writes a 1 to it and is not set again until
LORC goes high again. When LORCL is set, it can cause a hardware interrupt to occur if the LORCIE bit in the
MSRIE register is set to 1. The interrupt is cleared when this bit is cleared or the interrupt-enable bit is cleared. This
bit can be used to determine when a loss of receive clock event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com