Electronic Components Datasheet Search
  English  ▼

X  

DS2149 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 6Page - Maxim Integrated Products DS2149 Datasheet HTML 7Page - Maxim Integrated Products DS2149 Datasheet HTML 8Page - Maxim Integrated Products DS2149 Datasheet HTML 9Page - Maxim Integrated Products DS2149 Datasheet HTML 10Page - Maxim Integrated Products DS2149 Datasheet HTML 11Page - Maxim Integrated Products DS2149 Datasheet HTML 12Page - Maxim Integrated Products DS2149 Datasheet HTML 13Page - Maxim Integrated Products DS2149 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
DS2149
10 of 32
CR1 (B010000): Control Register 1
MSb
LSb
JASEL1
JASEL0
ENCENB
UNIENB
L3
L2
L1
L0
SYMBOL
POSITION
FUNCTION
JASEL1
CR1.7
Jitter attenuator select (Table 4-C)
JASEL0
CR1.6
Jitter attenuator select (Table 4-C)
ENCENB
CR1.5
B8ZS and NRZ control (Table 4-D)
UNIENB
CR1.4
BPV and NRZ control (Table 4-D)
L3
CR1.3
Line build-out control (Table 4-E)
L2
CR1.2
Line build-out control (Table 4-E)
L1
CR1.1
Line build-out control (Table 4-E)
L0
CR1.0
Line build-out control (Table 4-E)
Table 4-C. Jitter Attenuator Selection
JASEL1
JASEL0
JITTER ATTENUATOR FUNCTION
0
1
Transmit path
1
1
Receive path
X
0
Disabled
Table 4-D. Line Code and Interface Selection
UNIENB
ENCENB
LINE CODE
INTERFACE
0
0
AMI
Bipolar
1
0
AMI
NRZ
X
1
B8ZS
NRZ
Table 4-E. Line Build-out Selection
L3
L2
L1
L0
APPLICATION
OUTPUT SIGNAL
Rx GAIN (dB)
0
0
0
0
T1 Long Haul
0dB
36
0
0
1
0
T1 Long Haul
-7.5dB
36
0
1
0
0
T1 Long Haul
-15dB
36
0
1
1
0
T1 Long Haul
-22.5dB
36
0
0
0
1
T1 Long Haul
0dB
26
0
0
1
1
T1 Long Haul
-7.5dB
26
0
1
0
1
T1 Long Haul
-15dB
26
0
1
1
1
T1 Long Haul
-22.5dB
26
1
0
0
1
D4 Short Haul
6V
18
1
0
1
1
T1 Short Haul
DSX-1 (0ft to 133ft)
18
1
1
0
0
T1 Short Haul
DSX-1 (133ft to 266ft)
18
1
1
0
1
T1 Short Haul
DSX-1 (266ft to 399ft)
18
1
1
1
0
T1 Short Haul
DSX-1 (399ft to 533ft)
18
1
1
1
1
T1 Short Haul
DSX-1 (533ft to 655ft)
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com