Electronic Components Datasheet Search
  English  ▼

X  

DS2149 Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 24Page - Maxim Integrated Products DS2149 Datasheet HTML 25Page - Maxim Integrated Products DS2149 Datasheet HTML 26Page - Maxim Integrated Products DS2149 Datasheet HTML 27Page - Maxim Integrated Products DS2149 Datasheet HTML 28Page - Maxim Integrated Products DS2149 Datasheet HTML 29Page - Maxim Integrated Products DS2149 Datasheet HTML 30Page - Maxim Integrated Products DS2149 Datasheet HTML 31Page - Maxim Integrated Products DS2149 Datasheet HTML 32Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
DS2149
31 of 32
AC CHARACTERISTICS: TRANSMIT SIDE
(VDD = 5V
±5%, TA = -40°C to +85°C.) (Figure 12-4)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TCLK Period
tCP
648
ns
TCLK Pulse Width
tCH
tCL
75
ns
TPOS/TNEG Setup to TCLK Falling or Rising
tSU
20
ns
TPOS/TNEG Hold from TCLK Falling or Rising
tHD
20
ns
TCLK Rise and Fall Times
tR, tF
25
ns
Figure 12-4. AC Characteristics for Transmit Side
TCLK
TPOS
TNEG
t
F
t
R
t
CL
t
CH
t
CP
t
SU
t
HD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com