Electronic Components Datasheet Search
  English  ▼

X  

DS2149 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 13Page - Maxim Integrated Products DS2149 Datasheet HTML 14Page - Maxim Integrated Products DS2149 Datasheet HTML 15Page - Maxim Integrated Products DS2149 Datasheet HTML 16Page - Maxim Integrated Products DS2149 Datasheet HTML 17Page - Maxim Integrated Products DS2149 Datasheet HTML 18Page - Maxim Integrated Products DS2149 Datasheet HTML 19Page - Maxim Integrated Products DS2149 Datasheet HTML 20Page - Maxim Integrated Products DS2149 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DS2149
17 of 32
9. SOFTWARE MODE
The DS2149 operates in software mode when the MODE1 pin is pulled high. In software mode, a
microprocessor controls the device and reads its status through the serial port, which provides access to
the internal registers. The host processor can completely configure the device as well as get diagnostics
and status reports through the serial port. In NRZ mode, bipolar violation insertions and logic error
insertions are controlled by the BPV and INSLER pins. Similarly, the recovered clock, data, and BPV
detection are available only at output pins. All other mode settings and diagnostic information are
available through the serial port. Figure 9-1 and Figure 9-2 show the serial port data structure. The
registers are accessible through a 16-bit word composed of an 8-bit command and address byte and a
subsequent 8-bit data byte. Software mode allows control of the output timing. The CLKE pin determines
when SDO is valid relative to SCLK and when receive data is valid relative to RCLK.
9.1 Interrupt Handling
In software mode, the DS2149 provides a latched interrupt output pin. When enabled, a change in any of
the status register bits generates an interrupt. When an interrupt occurs, the INT output pin is driven low.
The INT output pin structure is an open-drain only. Each device that shares the INT line requires an
external pullup resistor. The interrupt is cleared when the interrupt condition no longer exists, and a 1 is
written to the appropriate bit in the interrupt mask register. Leaving a 1 in any of the bits in the interrupt
mask register masks that interrupt. Clearing that bit re-enables the interrupt.
Table 9-A. CLKE Pin Selection
CLKE PIN
OUTPUT
OUTPUT UPDATED ON
RPOS
RNEG
RDATA
Falling RCLK
LOW
SDO
Rising SCLK
RPOS
RNEG
RDATA
Rising RCLK
HIGH
SDO
Falling SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com