Electronic Components Datasheet Search
  English  ▼

X  

DS2149 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS2149
Description  5V T1/J1 Line Interface Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2149 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS2149 Datasheet HTML 8Page - Maxim Integrated Products DS2149 Datasheet HTML 9Page - Maxim Integrated Products DS2149 Datasheet HTML 10Page - Maxim Integrated Products DS2149 Datasheet HTML 11Page - Maxim Integrated Products DS2149 Datasheet HTML 12Page - Maxim Integrated Products DS2149 Datasheet HTML 13Page - Maxim Integrated Products DS2149 Datasheet HTML 14Page - Maxim Integrated Products DS2149 Datasheet HTML 15Page - Maxim Integrated Products DS2149 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
DS2149
12 of 32
IMR (B010011): Interrupt Mask Register
MSb
LSb
Z16D
JALT
DFMO
B8ZSD
QRSS
AIS
NLOOP
RCL
SYMBOL
POSITION
FUNCTION
Z16D
IMR.7
0 = Enable 16-zero detect interrupt
1 = Disable 16-zero detect interrupt
JALT
IMR.6
0 = Enable jitter-attenuator limit-trip interrupt
1 = Disable jitter-attenuator limit-trip interrupt
DFMO
IMR.5
0 = Enable driver-open interrupt
1 = Disable driver-open interrupt
B8ZSD
IMR.4
0 = Enable B8ZS-detect interrupt
1 = Disable B8ZS-detect interrupt
QRSS
IMR.3
0 = Enable QRSS interrupt
1 = Disable QRSS interrupt
AIS
IMR.2
0 = Enable AIS interrupt
1 = Disable AIS interrupt
NLOOP
IMR.1
0 = Enable network-loopback interrupt
1 = Disable network-loopback interrupt
RCL
IMR.0
0 = Enable receive carrier-loss interrupt
1 = Disable receive carrier-loss interrupt
TSR (B010100): Transition Status Register
MSb
LSb
Z16D
JALT
DFMO
B8ZSD
QRSS
AIS
NLOOP
RCL
SYMBOL
POSITION
FUNCTION
Z16D
TSR.7
Set when the receiver detects 16 consecutive 0s; cleared when
IMR.7 is cleared.
JALT
TSR.6
Set when the jitter attenuator FIFO reaches to within 4 bits of its
limit; cleared when IMR.6 is cleared.
DFMO
TSR.5
Set when SR.5 changes state; cleared when IMR.5 is cleared.
B8ZSD
TSR.4
Set when the receiver detects B8ZS codewords; cleared when
IMR.4 is cleared.
QRSS
TSR.3
Set when SR.3 changes state; cleared when IMR.3 is cleared.
AIS
TSR.2
Set when SR.2 changes state; cleared when IMR.2 is cleared.
NLOOP
TSR.1
Set when SR.1 changes state; cleared when IMR.1 is cleared.
RCL
TSR.0
Set when SR.0 changes state; cleared when IMR.0 is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com